Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3159 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK3159
Description  150V - 50A - MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK3159_16 Datasheet HTML 1Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 2Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 3Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 4Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 5Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 6Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 7Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK3159
R07DS1357EJ0500 Rev.5.00
Page 3 of 7
Aug 02, 2016
Main Characteristics
Power vs. Temperature Derating
Case Temperature Tc (
°C)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
160
0
0
40
80
120
50
100
150
200
200
100
20
2
10
0.10.31
3
10
300
100
50
0
0
40
30
20
10
2
46
8
10
100
0
0
20
40
60
80
12
3
45
0.2
0.1
1
3.5 V
4 V
VGS = 2 V
3 V
2.5 V
Pulse Test
10 V
500
0.5
5
50
0.05
30
1000
2.0
0
0
0.4
0.8
1.2
1.6
48
12
16
20
100 200
10
550
20
100
20
50
10
2
1
5
Pulse Test
20 A
ID = 50 A
10 A
12
VGS = 4 V
10 V
Pulse Test
25°C
Operation in
this area is
limited by RDS (on)
VDS = 10 V
Pulse Test
Ta = 25°C
10
μs
1
m
s
D
C
O
perat
ion
(T
c =
25°C
)
100
μs
–25°C
Tc = 75°C


Numéro de pièce similaire - 2SK3159_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_15 Datasheet
112Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Description similaire - 2SK3159_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RJK1575DPA RENESAS-RJK1575DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1575DPA RENESAS-RJK1575DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com