Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C256C Fiches technique(PDF) 8 Page - ACE Technology Co., LTD.

No de pièce ACE24C256C
Description  Two-wire serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256C Fiches technique(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24C256C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ACE24C256C
Two-wire serial EEPROM
VER 1.2
8
Soft Reset
After an interruption in protocol, power loss or system reset, any two-wire part can be reset by following
these steps: (a) Create a start condition, (b) Clock nine cycles, and (c) create another start bit followed by
stop bit condition, as shown below. The device is ready for the next communication after the above steps
have been completed.
Device Addressing
The ACE24C256C requires an 8-bit device address word following a start condition to enable the chip for
a read or write operation (see Figure7). The device address word consists of a mandatory one-zero
sequence for the first four most-significant bits, as shown.
The three E2, E1, and E0 device address bits allow as many as eight devices on the same bus. These
bits must compare to their corresponding hardwired input pins.
The E2, E1, and E0 pins use an internal proprietary circuit that biases them to a logic low condition if the
pins are floating.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the
Chip will output a zero. If a compare is not made, the device will return to a standby state.
Data Security
ACE24C256C has a hardware data protection scheme that allows the user to write protect the whole
memory when the WCB pin is at VCC.
Figure6:Soft Reset
Figure7:Device Address


Numéro de pièce similaire - ACE24C256C

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C256 ACE-ACE24C256 Datasheet
283Kb / 16P
   Two-wire Serial EEPROM
VER 1.2
ACE24C256 ACE-ACE24C256 Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256B ACE-ACE24C256B Datasheet
1Mb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24C256DM+TH ACE-ACE24C256DM+TH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256DM+UH ACE-ACE24C256DM+UH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
More results

Description similaire - ACE24C256C

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com