Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C64BD Fiches technique(PDF) 6 Page - ACE Technology Co., LTD.

No de pièce ACE24C64BD
Description  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64BD Fiches technique(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C64BD Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACE24C64BD
Two-wire Serial EEPROM
VER 1.1
6
Device Addressing
The 64K devices all require an 8-bit device address word following a start condition to enable the chip
for a read or write operation (see to Figure 4).
The device address word consists of a mandatory
“1”, “0” sequence for the first four most significant
bits as shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 64K EEPROM. These 3 bits must
compare to their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a
“0”. If a compare is not made, the
chip will return to a standby state.
Data Security: The ACE24C64BD has a hardware data protection scheme that allows the user to write
protect the entire memory when the WP pin is at VCC.
Write Operations
Byte Write:
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a
“0” and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a
“0”
and the addressing device, such as a microcontroller, must terminate the write sequence with a stop
condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory.
All inputs are disabled during this write cycle and the EEPROM will not respond until the write is
complete (see to Figure 5).
Page Write:
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the microcontroller can transmit up to 31 (64K) more data words. The EEPROM will respond with a
"0" after each data word received. The microcontroller must terminate the page write sequence with a
stop condition (see to Figure 6).
The data word address lower three (64K) bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page row
location. When the word address, internally generated, reaches the page boundary, the following byte
is placed at the beginning of the same page. If more than 32 (64K) data words are transmitted to the
EEPROM,
the data word address will “roll over” and previous data will be overwritten.
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word.
The read/write bit is representative of the operation desired. Only if the internal write cycle has
completed will the EEPROM respond with a
“0” allowing the read or write sequence to continue.


Numéro de pièce similaire - ACE24C64BD

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C64 ACE-ACE24C64 Datasheet
285Kb / 16P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
663Kb / 17P
   Two-wire Serial EEPROM
VER 1.7
ACE24C64DM+T ACE-ACE24C64DM+T Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64DM+TH ACE-ACE24C64DM+TH Datasheet
663Kb / 17P
   Two-wire Serial EEPROM
VER 1.7
More results

Description similaire - ACE24C64BD

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com