Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFCN-80D Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce LFCN-80D
Description  Ceramic Low Pass Filter DC to 80 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-80D Fiches technique(HTML) 1 Page - Mini-Circuits

  LFCN-80D Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
8.5W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
• harmonic rejection
• VHF/UHF transmitters/receivers
• RF suppression for DC lines on PCB
• anti-aliasing for A/D converter
• excellent power handling, 8.5W
• small size
• 7 sections
• temperature stable
• patent pending
CASE STYLE: FV1206
LFCN-80
DC-80
145
190
215-1550
4500
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
RF IN
RF OUT
*Passband rating, derate linearly to 3.5W at 100°C ambient.
A
B
C
D
E
F
G
.126
.063
.037
.020
.032
.009
.169
3.20
1.60
0.94
0.51
0.81
0.23
4.29
HJ
K
L
M
N
P
wt
.087
.024
.122
.024
.087
.012
.071 grams
2.21
0.61
3.10
0.61
2.21
0.30
1.80
.020
Model
Price
Qty.
LFCN-80
$3.99
(10-49)
LFCN-80D
$4.49
(10-49)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 80 MHz
Low Pass Filter
Ceramic
LFCN-80
REV. B
M96263
LFCN-80
ED-11690/1
RVN/AD/CP
050113
NEW!
1.00
0.22
1.05
51.00
0.59
1.15
75.00
0.81
1.22
100.00
1.14
1.18
145.00
3.27
2.06
165.00
6.35
2.22
190.00
29.96
6.35
200.00
33.16
7.47
215.00
41.46
8.23
500.00
44.42
38.61
1050.00
48.99
108.58
1550.00
46.23
56.04
2050.00
36.35
26.74
3050.00
37.33
42.38
4750.00
20.80
18.30
LFCN-80
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
LFCN-80
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-80D (DC Resistance to
ground is 100 Mohms min.)


Numéro de pièce similaire - LFCN-80D

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LFCN-80++ MINI-LFCN-80+ Datasheet
306Kb / 1P
   LOW PASS FILTERS
LFCN-800 MINI-LFCN-800 Datasheet
141Kb / 1P
   Low Pass Filter
LFCN-800++ MINI-LFCN-800+ Datasheet
322Kb / 1P
   LOW PASS FILTERS
LFCN-800++ MINI-LFCN-800+ Datasheet
319Kb / 1P
   LOW PASS FILTERS
LFCN-800D MINI-LFCN-800D Datasheet
141Kb / 1P
   Low Pass Filter
More results

Description similaire - LFCN-80D

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
   Low Pass Filter DC to 80 MHz
LFCN-120 MINI-LFCN-120 Datasheet
137Kb / 1P
   Ceramic Low Pass Filter DC to 120 MHz
LFCN-95 MINI-LFCN-95 Datasheet
139Kb / 1P
   Ceramic Low Pass Filter DC to 95 MHz
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
   Low Pass Filter DC to 575 MHz
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
   Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1525 MHz
VLF-95 MINI-VLF-95 Datasheet
92Kb / 1P
   Low Pass Filter DC to 95 MHz
VLF-1700 MINI-VLF-1700 Datasheet
88Kb / 1P
   Low Pass Filter DC to 1700 MHz
VLF-2750 MINI-VLF-2750 Datasheet
88Kb / 1P
   Low Pass Filter DC to 2750 MHz
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com