Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


GALI-74 Datasheet(Fiches technique) 1 Page - Mini-Circuits

Numéro de pièce GALI-74
Description  Surface Mount Monolithic Amplifier 50Ω, High dynamic range, DC to 1 GHz
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo 

   
 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Gali
74
REV. A
M91597
Gali-74
ED-10887/6
MM/RS/CP
040329
Page 1 of 4
Features
• InGaP HBT IF and RF amplifier
• frequency range, DC to 1 GHz, usable to 4 GHz
• high gain, 25.1 dB typ. at 100 MHz
• up to +19.2 dBm typ. output power at 100 MHz
• high IP3, +38 dBm at 100 MHz
• low noise figure, 2.7 dB typ.
• unconditionally stable
• low thermal resistance
• transient protected
• patent pending
• low cost $1.85 (qty. 1000)
50
Ω, High dynamic range, DC to 1 GHz
Electrical Specifications @ 25°C
Maximum Ratings
Operating Temperature
-45°C to 85°C
Storage Temperature
-65°C to 150°C
Applications
• cellular
• broadband
• communication receivers & transmitters
FREQ.HHHHH
(GHz)
MODEL
NO.
DC
OPERATING
POWER
@ Pin 3***
Output
(1 dB Comp.) Typ.
Min.@
1GHz
GAIN, dB Typical
over frequency, GHz
MAXIMUM
RATING**
THERMAL
RESIS-
TANCE
Cur-
rent
(mA)
Volt
Typ Min Max
θjc,
typ.
°C/W
I
mA
P
mW
PRICE
$
Qty.
(25)
5
5
5
5
5 Low frequency cutoff determined by external coupling capacitors.
** Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
***Reliability predictions and normal operating conditions are applicable at current specified.
Outline Drawing (DF782)
Suggested PCB Layout (PL-019)
Outline Dimensions (
)
inch
mm
mm
mm
mm
mm
Typical Biasing Configuration
1
0.1
2
3
4
SOT-89
(DF 782)
Gali
74
DC-1
25.1 21.8
18
15.3 13.4
20
19.2
19
18.3
18
10
2.7
38
37
33
1.2
1.6
130 700 80
4.8 4.3 5.3
120
2.35
A
B
C
D
E
F
G
H
J
K
L
M
N
P
wt.
.102
.090
.181
.173
.063
.167
.155
.059
.118
.015
.041
.016
.019
.065 grams
2.59
2.29
4.60
4.39
1.60
4.24
3.94
1.50
3.00
0.38
1.04
0.41
0.48
1.65
.2
Pin Configuration
RF IN
1
RF OUT
3
DC
3
GND EXT.
2,4
NEW!
0.1
GHz
0.5
GHz
1.0
GHz
VSWR
(:1)
Typ.
DYNAMIC RANGE
NF
(dB)
Typ.
IP3 (dBm) Typ.
MAXIMUM POWER
( dBm)
Input
(no
dmg.)
Out
In
0.1
GHz
0.5
GHz
1.0
GHz
f
L-fU
Model Identification
Model
Marking
GALI-74
74
Min.@
0.1GHz
Prefix letter (optional) designates assembly
location. Suffix letters (optional) are for wafer
identification.
R BIAS
"1%" Resistor Values
Vcc
GALI-74
7
28.7
8
41.2
9
53.6
10
66.5
11
78.7
12
90.9
13
102
14
115
15
127
4
2
3
1
Cblock
IN
Cblock
Ibias
OUT
Vd
RFC (Optional)
Cbypass
Vcc
Rbias (Required)
Monolithic Amplifier
Surface Mount




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MERA-556Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 2.2 GHz 1 2 3 4 5 Mini-Circuits
MERA-7433Surface Mount DualMatchedMMICAmplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
MERA-7456Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
ERA-4XSMSurface Mount Monolithic Amplifier 50Ω Broadband DC to 4 GHz 1 2 3 4 Mini-Circuits
MAR-8ASMSurface Mount Monolithic Amplifier 50Ω DC to 1000 MHz 1 2 3 4 Mini-Circuits
CMM6004-SC0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
XMGG7-20B3Surface Mount High Dynamic Range Mixer 3400-3600 MHz Upconverter High IP3 1 List of Unclassifed Manufacturers
CDQ6004-QS0.05-4.0 GHz Dual High Dynamic Range Amplifier 1 2 3 4 5 MoreMimix Broadband
CMM6004-AH0.25 to 6.0 GHz High Dynamic Range Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AM-AMC-155High Dynamic Range Amplifier 12.5 dB Gain 300 - 1000 MHz 1 2 3 Tyco Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl