Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


GALI-74 Datasheet(Fiches technique) 2 Page - Mini-Circuits

Numéro de pièce GALI-74
Description  Surface Mount Monolithic Amplifier 50Ω, High dynamic range, DC to 1 GHz
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo 

   
 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Gali
74
Performance Curves
GALI-74
GAIN vs. TEMPERATURE
Current=80mA
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
-45°C
25°C
85°C
GALI-74
GAIN vs. CURRENT
Tamb=25°C
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
65mA
80mA
100mA
GALI-74
ISOLATION vs. TEMPERATURE
Current=80mA
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
-45°C
25°C
85°C
GALI-74
ISOLATION vs. CURRENT
Tamb=25°C
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
65mA
80mA
100mA
GALI-74
INPUT RETURN LOSS vs. TEMPERATURE
Current=80mA
0
5
10
15
20
25
30
35
40
45
50
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
-45°C
25°C
85°C
GALI-74
INPUT RETURN LOSS vs. CURRENT
Tamb=25°C
0
5
10
15
20
25
30
35
40
45
50
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
65mA
80mA
100mA
page 2 of 4




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MERA-556Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 2.2 GHz 1 2 3 4 5 Mini-Circuits
MERA-7433Surface Mount DualMatchedMMICAmplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
MERA-7456Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
ERA-4XSMSurface Mount Monolithic Amplifier 50Ω Broadband DC to 4 GHz 1 2 3 4 Mini-Circuits
MAR-8ASMSurface Mount Monolithic Amplifier 50Ω DC to 1000 MHz 1 2 3 4 Mini-Circuits
CMM6004-SC0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
XMGG7-20B3Surface Mount High Dynamic Range Mixer 3400-3600 MHz Upconverter High IP3 1 List of Unclassifed Manufacturers
CDQ6004-QS0.05-4.0 GHz Dual High Dynamic Range Amplifier 1 2 3 4 5 MoreMimix Broadband
CMM6004-AH0.25 to 6.0 GHz High Dynamic Range Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AM-AMC-155High Dynamic Range Amplifier 12.5 dB Gain 300 - 1000 MHz 1 2 3 Tyco Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl