Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7466300R Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7466300R
Description  REDCUBE SMD right angled without Pins WP-SMRA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7466300R Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7466300R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466300R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466300R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466300R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466300R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
5,0
sectional drawing A-A
0,5
A
A
Scale - 4:1
Recommended Land Pattern: [mm]
suggested
solder pad
non plated
2,95
0,25
Scale - 8:1
Stencil Suggestion:
0,45
2,75
Scale - 7:1
Material
Brass
Surface
Tin
Solder Cream Thickness
120 µm
Operating Temperature
-55 °C up to +150 °C
Properties:
Properties
Test conditions
Value
Unit
Tol.
Rated Current
@ 20 °C
IR
50
A
max.
Electrical Properties:
Packaging
Tape and Reel
Packaging Unit (Qty.)
1600
Packaging Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
REDCUBE SMD right angled
without Pins WP-SMRA
ORDER CODE
7466300R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.002
Valid
2017-02-22
eiCan
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 7466300R

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7466303R WURTH-7466303R Datasheet
355Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
More results

Description similaire - 7466300R

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7466303R WURTH-7466303R Datasheet
355Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466313R WURTH-7466313R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7464000 WURTH-7464000 Datasheet
174Kb / 2P
   REDCUBE Plug Terminal WP-PLUG
001.000
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
7466005R WURTH-7466005R Datasheet
411Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
746600430R WURTH-746600430R Datasheet
391Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7460211 WURTH-7460211 Datasheet
220Kb / 3P
   WP-TGTR REDCUBE PRESS-FIT
001.003
74610704 WURTH-74610704 Datasheet
191Kb / 3P
   WP-TGCF REDCUBE PRESS-FIT
001.001
7464004 WURTH-7464004 Datasheet
102Kb / 2P
   REDCUBE Plug Cable Connector WP-PLUG
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com