Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148 Fiches technique(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

No de pièce 1N4148
Description  SMALL SIGNAL SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1N4148 Fiches technique(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  1N4148_17 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1N4148_17 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4148
SMALL SIGNAL SWITCHING DIODE
Case: DO-34\DO-35 glass sealed envelope.
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.003 ounce, 0.09 grams(DO-34)
0.005 ounce, 0.14 grams(DO-35)
FEATURES
MECHANICAL DATA
DO-34(GLASS)
Silicon epitaxial planar diode
Switching diodes
500mw power dissipation
High temperature soldering guaranteed
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
0.079(2.0)
MAX
0.017(0.42)
TYP
0.106 (2.9)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
0.079(2.0)
MAX
0.020(0.52)
TYP
0.165 (4.2)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
DO-35(GLASS)
100
75
VOLTS
VOLTS
SYMBOLS
UNITS
mAmps
mAmps
Volts
VRRM
VRMS
I(AV)
IFSM
VF
150
500
1.0
Operating junction and storage temperature range
NOTES:
1.Test condition:IF=10mA,IR=10mA,Irr=1mA,VR=6V,RL=100W.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=25 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 10mA
Maximum DC reverse current
TA=25 C
VR=75V
at rated DC blocking voltage
TA=100 C VR=20V
IR
5.0
50
CJ
TJ,TSTG
4.0
-65 to +200
pF
C
A
u
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
4.0
ns
1N4148
www.shunyegroup.com.cn


Numéro de pièce similaire - 1N4148_17

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_17 Datasheet
304Kb / 5P
   SWITCHING DIODES
logo
Yangzhou yangjie electr...
1N4148 YANGJIE-1N4148_17 Datasheet
159Kb / 2P
   Small Signal Fast Switching Diodes
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148_17 Datasheet
137Kb / 2P
   Small Signal Switching Diodes
More results

Description similaire - 1N4148_17

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com