Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4003SG Fiches technique(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

No de pièce 1N4003SG
Description  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1N4003SG Fiches technique(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  1N4003SG Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1N4003SG Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001SG THRU 1N4007SG
GLASS PASSIVATED SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
Case: A-405 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.008 ounce, 0.23 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A-405
0.107 (2.7)
0.080 (2.3)
DIA.
0.025 (0.65)
0.021 (0.55)
DIA.
0.205(5.2)
0.166(4.2)
Dimensions in inches and (millimeters)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1N
4001SG
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
IR
5.0
50.0
RθJA
CJ
TJ,TSTG
50.0
15.0
-65 to +175
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
1N
4002SG
1N
4003SG
1N
4004SG
1N
4005SG
1N
4006SG
1N
4007SG
www.shunyegroup.com.cn


Numéro de pièce similaire - 1N4003SG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4003SG TSC-1N4003SG Datasheet
56Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4003SG TSC-1N4003SG Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Shanghai Shunye Electro...
1N4003SG SY-1N4003SG Datasheet
592Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4003SG TSC-1N4003SG Datasheet
488Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4003SG TSC-1N4003SG Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
More results

Description similaire - 1N4003SG

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com