Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9025ACTM Fiches technique(PDF) 1 Page - Gennum Corporation

No de pièce GS9025ACTM
Description  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACTM Fiches technique(HTML) 1 Page - Gennum Corporation

  GS9025ACTM Datasheet HTML 1Page - Gennum Corporation GS9025ACTM Datasheet HTML 2Page - Gennum Corporation GS9025ACTM Datasheet HTML 3Page - Gennum Corporation GS9025ACTM Datasheet HTML 4Page - Gennum Corporation GS9025ACTM Datasheet HTML 5Page - Gennum Corporation GS9025ACTM Datasheet HTML 6Page - Gennum Corporation GS9025ACTM Datasheet HTML 7Page - Gennum Corporation GS9025ACTM Datasheet HTML 8Page - Gennum Corporation GS9025ACTM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2000
Document No. 522 - 75 - 00
PRELIMINARY DATA SHEET
FEATURES
• SMPTE 259M compliant
• operational to 540Mb/s
• automatic cable equalization (typically greater than
350m of high quality cable at 270Mb/s)
• adjustment-free operation
• auto-rate selection (5 rates) with manual override
• single external VCO resistor for operation with five
input data rates
• data rate indication output
• serial data outputs muted and serial clock remains
active when input data is lost
• operation independent of SAV/EAV sync signals
• signal strength indicator output
• carrier detect with programmable threshold level
• power savings mode (output serial clock disable)
APPLICATIONS
Cable equalization plus clock and data recovery for all high
speed serial digital interface applications involving SMPTE
259M and other data standards.
DESCRIPTION
The GS9025A provides automatic cable equalization and
high performance clock and data recovery for serial digital
signals. The GS9025A receives either single-ended or
differential serial digital data and outputs differential clock
and retimed data signals at PECL levels (800mV). The on-
board cable equalizer provides up to 40dB of gain at
200MHz which typically results in equalization of greater
than 350m of high quality cable at 270Mb/s.
The GS9025A operates in either auto or manual data rate
selection mode. In both modes, the GS9025A requires only
one external resistor to set the VCO centre frequency and
provides adjustment free operation.
The GS9025A has dedicated pins to indicate signal
strength/carrier detect, LOCK and data rate. Optional
external resistors allow the carrier detect threshold level to
be customized to the user's requirement. In addition, the
GS9025A
provides
an
'Output
Eye
Monitor
Test'
(OEM_TEST) for diagnostic testing of signal integrity after
equalization, prior to reslicing. The serial clock outputs can
also be disabled to reduce power. The GS9025A operates
from a single +5 or -5 volt supply.
BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS9025ACQM
44 pin MQFP Tray
0°C to 70°C
GS9025ACTM
44 pin MQFP Tape
0°C to 70°C
LF+ LFS LF-
CBG RVCO
CARRIER DETECT
PHASELOCK
HARMONIC
FREQUENCY
ACQUISITION
VCO
DIVISION
3 BIT
COUNTER
LOCK
SDO
SDO
CLK_EN
SCO
SCO
SMPTE
AUTO/MAN
SS0
SS1
SS2
MUTE
COSC
A/D
PHASE
DETECTOR
DECODER
LOGIC
ANALOG
DIGITAL
MUX
DDI
+
-
DDI
SDI
SDI
OEM_TEST
AGC CAP CD_ADJ
AUTO EQ
CONTROL
EYE
MONITOR
VARIABLE
GAIN EQ
STAGE
CHARGE
PUMP
+
-
+
-
SSI/CD
GENLINX
II GS9025A
Serial Digital Receiver


Numéro de pièce similaire - GS9025ACTM

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9025ACTM GENNUM-GS9025ACTM Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9025ACTME3 GENNUM-GS9025ACTME3 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results

Description similaire - GS9025ACTM

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com