Moteur de recherche de fiches techniques de composants électroniques |
|
STG3220 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
STG3220 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 23 page STG3220 Electrical characteristics Doc ID 15647 Rev 1 7/23 5 Electrical characteristics Table 6. DC specifications Symbol Parameter VCC (V) Test conditions Value Unit TA = 25 °C -40 to 85 °C Min Typ Max Min Max VIH High level input voltage 1.65 – 1.95 – 0.65 VCC –– 0.65VCC – V 2.3 – 2.5 1.2 – – 1.2 – 2.7 – 3.0 1.3 – – 1.3 – 3.3 – 3.6 1.4 – – 1.4 – 4.3 1.6 – – 1.6 – VIL Low level input voltage 1.65 – 1.95 – – – 0.25 – 0.25 V 2.3 – 2.5 – – 0.25 – 0.25 2.7 – 3.0 – – 0.25 – 0.25 3.3 – 3.6 – – 0.30 – 0.30 4.3 – – 0.40 – 0.40 VIH-INT High level input voltage for INT 4.3 – 2.4 – – 2.4 – V VIL-INT Low level input voltage for INT 4.3 – – – 0.9 – 0.9 V VOL-INT Low level output voltage for INT 4.3 IO = 4 mA – – 0.40 – 0.50 V RPEAK Switch ON peak resistance 1.8 VS = 0 V to VCC IS = 8 mA – 15.1 17.8 – – Ω 2.7 – 6.4 8.0 – – 3.0 – 5.9 7.5 – – 3.7 – 5.0 6.5 – – 4.3 – 4.8 6.1 – – RON Switch ON resistance 3.0 VS = 3 V IS = 8 mA –4.2 5.4 – – Ω 3.0 VS = 0.4 V IS = 8 mA –5.7 7.0 – – |
Numéro de pièce similaire - STG3220 |
|
Description similaire - STG3220 |