Moteur de recherche de fiches techniques de composants électroniques |
|
DAC7634EB Fiches technique(PDF) 2 Page - Burr-Brown (TI) |
|
|
DAC7634EB Fiches technique(HTML) 2 Page - Burr-Brown (TI) |
2 / 27 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) SPECIFICATIONS DAC7634 SBAS134A – JULY 2004 – REVISED AUGUST 2004 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION LINEARITY DIFFERENTIAL PACKAGE SPECIFICATION ORDERING TRANSPORT PRODUCT ERROR NONLINEARITY PACKAGE DRAWING TEMPERATURE NUMBER(1) MEDIA (LSB) (LSB) NUMBER RANGE DAC7634E Rails DAC7634E ±4 ±3 48-Lead SSOP 333 –40 °C to 85°C DAC7634E/1K Tape and Reel DAC7634EB Rails DAC7634EB ±3 ±2 48-Lead SSOP 333 –40 °C to 85°C DAC7634E/1K Tape and Reel (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces of DAC7634E/1K will get a single 1000-piece Tape and Reel. UNIT VCC and VDD to VSS –0.3 V to 11 V VCC and VDD to GND –0.3 V to 5.5 V VREFL to VSS –0.3 V to (VCC - VSS) VCC to VREFH –0.3 V to (VCC - VSS) VREFH to VREFL –0.3 V to (VCC - VSS) Digital input voltage to GND –0.3 V to VDD + 0.3 V Digital output voltage to GND –0.3 V to VDD + 0.3 V TJ Maximum junction temperature 150 °C TA Operating temperature range –40 °C to 85°C Tstg Storage temperature range –65 °C to 125°C Lead temperature (solder, 10s) 300 °C (1) Stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. At T A = TMIN to TMAX, VDD = VCC = 5 V, VSS = –5 V, VREFH = 2.5 V, and VREFL = –2.5 V, unless otherwise noted DAC7634E DAC7634EB PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX ACCURACY Linearity error ±3 ±4 ±2 ±3 LSB Linearity match ±4 ±2 LSB Differential linearity error ±2 ±3 ±1 ±2 LSB Monotonicity, TMIN to TMAX 14 15 Bits Bipolar zero error ±1 ±2 ±1 ±2 mV Bipolar zero error drift 5 10 5 10 ppm/ °C Full-scale error ±1 ±2 ±1 ±2 mV Full-scale error drift 5 10 5 10 ppm/ °C Channel-to-channel Bipolar zero matching ±1 ±2 ±1 ±2 mV matching Channel-to-channel Full-scale matching ±1 ±2 ±1 ±2 mV matching Power supply rejection ratio (PSRR) At full scale 10 100 10 100 ppm/V 2 |
Numéro de pièce similaire - DAC7634EB |
|
Description similaire - DAC7634EB |