Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2145AF Fiches technique(PDF) 11 Page - Toshiba Semiconductor

No de pièce TA2145AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AF Fiches technique(HTML) 11 Page - Toshiba Semiconductor

Back Button TA2145AF Datasheet HTML 7Page - Toshiba Semiconductor TA2145AF Datasheet HTML 8Page - Toshiba Semiconductor TA2145AF Datasheet HTML 9Page - Toshiba Semiconductor TA2145AF Datasheet HTML 10Page - Toshiba Semiconductor TA2145AF Datasheet HTML 11Page - Toshiba Semiconductor TA2145AF Datasheet HTML 12Page - Toshiba Semiconductor TA2145AF Datasheet HTML 13Page - Toshiba Semiconductor TA2145AF Datasheet HTML 14Page - Toshiba Semiconductor TA2145AF Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TA2145AF
2002-04-19
11
Supply voltage
VCC (V)
PRE
Vni – VCC
Supply voltage
VCC (V)
PRE
RR – VCC
Frequency
f
(Hz)
PW
GV – f
Frequency
f
(Hz)
PW
CT – f
Supply voltage
VCC (V)
PW
Po – VCC
Output power
Po (mW)
PW
THD – Po
0
1.5
2.0
2 5
3.5
4.0
3.0
fr = 100 Hz
Vr = -20dBV
40
80
70
10
50
20
60
30
5
0 5
1
20
2
10
0
1.5
2.0
2.5
3.5
4.0
3.0
BST
= ON
20
100
1 k
100 k
10 k
40
20
30
60
50
Vo = -10dBV
BST
= OFF
20
100
1 k
10 k
100 k
BST = ON
Vo = -10dBV
BST = OFF
20
60
50
0
30
10
40
THD
= 10%
0
1.5
2.0
2.5
3.5
4.0
3.0
2
100
10
RL = 16 W
32
W
0.2
1
100
10
3
0 2
30
1
10
f
= 10 kHz
VCC = 3 V
RL = 16 W
100 Hz
1 kHz


Numéro de pièce similaire - TA2145AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
More results

Description similaire - TA2145AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com