Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1276 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce TC1276
Description  3-Pin Reset Monitors for 3.3V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1276 Fiches technique(HTML) 3 Page - Microchip Technology

  TC1276 Datasheet HTML 1Page - Microchip Technology TC1276 Datasheet HTML 2Page - Microchip Technology TC1276 Datasheet HTML 3Page - Microchip Technology TC1276 Datasheet HTML 4Page - Microchip Technology TC1276 Datasheet HTML 5Page - Microchip Technology TC1276 Datasheet HTML 6Page - Microchip Technology TC1276 Datasheet HTML 7Page - Microchip Technology TC1276 Datasheet HTML 8Page - Microchip Technology TC1276 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21383B-page 3
TC1275/TC1276/TC1277
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(3-Pin SOT-23B)
Symbol
Description
1
RESET (TC1275/
TC1276)
RESET output remains low while VCC is below the reset voltage threshold, and for
200msec (100msec min.) after VCC rises above reset threshold. The output stage of the
TC1275 is complimentary. The output stage of the TC1276 is open drain.
1
RESET (TC1277)
RESET output remains high while VCC is below the reset voltage threshold, and for
200msec (100msec min.) after VCC rises above reset threshold. The output stage of the
TC1277 is complimentary.
2VCC
Supply voltage (1.2V to 5.5V TC1275 and TC1276, 1.8V to 5.5V TC1277).
3
GND
Ground.


Numéro de pièce similaire - TC1276

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1276-10ENB MICROCHIP-TC1276-10ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1276-15ENB MICROCHIP-TC1276-15ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1276-5ENB MICROCHIP-TC1276-5ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
More results

Description similaire - TC1276

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com