Moteur de recherche de fiches techniques de composants électroniques |
|
SM1 Fiches technique(PDF) 7 Page - Pulse A Technitrol Company |
|
SM1 Fiches technique(HTML) 7 Page - Pulse A Technitrol Company |
7 / 8 page 7 G008.A (2/00) GENERAL PURPOSE TRANSFORMERS Control Transformers Recognized component – Underwriter’s Laboratories, Inc. High dielectric strength capability for industrial applications High ET – product allows long pulse width *NOTE: PE-61001–PE-61023 Hi Pot SEC/SEC 300 Vrms. Average Power Rating: 2 Watts. UL-478 Recognized, File Number E52661. Schematics A B 1 56 2 2 WINDING 1 36 3 WINDING 2 4 5 Part Turns Primary Sine Primary PRI/SEC PRI/SEC Primary Secondary Hi Pot* Schematic/ Number Ratio Wave OCL ET-Constant Cww Leakage DCR DCR PRI/SEC Package (±10%) (mH MIN) (V-µs MIN) (pF MAX) Inductance ( Ω MAX) ( Ω MAX) (Vrms) Style PE-61001 1:1 1.0 360 30 15.0 2.8 3.1 1600 A/TH11 PE-61003 2:1 0.2 180 24 5.0 1.4 0.9 1600 A/TH11 PE-61006 1:1:1 0.2 180 30 5.0 — 1.5 1600 B/TH11 PE-61007 1:1:1 1.0 360 36 12.0 2.8 3.6 1600 B/TH11 PE-61008 1:1:1 5.0 866 42 80.0 6.0 7.2 1600 B/TH11 PE-61014 1:1 1.0 700 36 26.0 3.0 3.2 2400 A/TH12 PE-61015 1:1 5.0 1500 42 130.0 6.3 7.0 2400 A/TH12 PE-61017 2:1 1.0 700 36 24.0 3.0 2.0 2400 A/TH12 PE-61018 2:1 5.0 1500 42 125.0 6.3 4.0 2400 A/TH12 PE-61019 1:1:1 0.2 290 34 4.7 1.4 1.5 2400 B/TH12 PE-61023 2:1:1 1.0 700 40 27.0 3.0 2.0 2400 B/TH12 Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C U.S: 858 674 8100 • U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 • http://www.pulseeng.com |
Numéro de pièce similaire - SM1 |
|
Description similaire - SM1 |