Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-LCC17A3W3PE-AN1 Fiches technique(PDF) 1 Page - Amphenol Corporation

No de pièce P-LCC17A3W3PE-AN1
Description  d-sub technical data
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-LCC17A3W3PE-AN1 Fiches technique(HTML) 1 Page - Amphenol Corporation

  P-LCC17A3W3PE-AN1 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.162±.002
4.11±0.05
(2 PLCS)
.120±.002
3.05±0.05
(2 PLCS)
.540
13.72
.386
9.80
33.32
1.312
END VIEW IN MATED CONDITION
(MATED TO P/N LCC17-A3W3SM-4N1)
.240
6.10
STANDARD
D-SUB DIMENSION
A1
A2
PART NUMBER: LCC17-A3W3PE-AN1
LOCATE HOLES
ARE BASIC
POSITION DIMENSIONS
A3
0.13[.005] DIA
NOTE:
1) MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT
PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS.
SHELLS - STAMPED STEEL, TIN OVER NICKEL PLATED
INSULATOR - ENGINEERING THERMOPLASTIC, GLASS REINFORCED, HIGH
TEMPERATURE RESISTANT, UL FLAMMABILITY RATING 94V-0, BLACK
CONTACTS - COPPER ALLOY, PLATED WITH NICKEL FOLLOWED BY 30 μ" [0.76
μm] GOLD ON THE MATING AREA AND GOLD ON THE TAILS
BOARDLOCK - COPPER ALLOY, TIN PLATED
2) ELECTRICAL CHARACTERISTICS
CURRENT RATING: 55 A PER CONTACT
CONTACT RESISTANCE: 5 MILLIOHMS MAX
OPERATING TEMPERATURE: -40 C TO +105 C
THIRD
SECONDARY
REFERENCE IN PARENTHESES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
PRIMARY UNITS
MILLIMETERS
INCHES
ANGULAR DEGREES
SCALE
ANGLE
1
A
SCALE:
REV
DWG. NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REF.
1
OF
REV
P-LCC17-A3W3PE-AN1
2
1
SHEET
IN A1 & A3 ONLY, RoHS COMPLIANT
S.CAELERS
A
PROPOSAL DRAWING (EAR 13920)
JUL28/11
LCC17 COOLPOWER D-SUB CONNECTOR,
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
3W3 ARRANGEMENT, PIN PCB TAIL POWER ,
DRAWING
JUL28/11
S.MUGAN
JUL28/11
03554
4:1
C
EAR 13920
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
1
S.M
DWG SIZE:
#4-40 THREAD, BOARDLOCK, CONTACTS
ENG. REL. NO.
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
PROJECTION
DO NOT
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
UNLESS SPECIFIED OTHERWISE
#4-40 UNC-2B THREAD
TAPPED THROUGH
(OTHER OPTIONS
AVAILABLE UPON REQUEST
.540
13.72
1.541±.015
39.14±0.38
.994±.005
25.25±0.13
1.312±.005
33.32±0.13
.304
7.72
DIMPLES
BETWEEN
.494±.015
12.55±0.38
11.55
.455
REF
.148
3.75
.256
6.49
5.97
.235
.276
7.01


Numéro de pièce similaire - P-LCC17A3W3PE-AN1

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-LCC17A3W3PE-4N1 AMPHENOL-P-LCC17A3W3PE-4N1 Datasheet
91Kb / 1P
   d-sub technical data
More results

Description similaire - P-LCC17A3W3PE-AN1

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com