Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8332-EVAL Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8332-EVAL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8332-EVAL Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8332-EVAL Datasheet HTML 2Page - Analog Devices AD8332-EVAL Datasheet HTML 3Page - Analog Devices AD8332-EVAL Datasheet HTML 4Page - Analog Devices AD8332-EVAL Datasheet HTML 5Page - Analog Devices AD8332-EVAL Datasheet HTML 6Page - Analog Devices AD8332-EVAL Datasheet HTML 7Page - Analog Devices AD8332-EVAL Datasheet HTML 8Page - Analog Devices AD8332-EVAL Datasheet HTML 9Page - Analog Devices AD8332-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8331/AD8332
Rev. C | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
Parameter
Rating
Voltage
Supply Voltage (VPSn, VPSV, VPSL, VPOS)
5.5 V
Input Voltage (INHn)
VS + 200 mV
ENB, ENBL, ENBV, HILO Voltage
VS + 200 mV
GAIN Voltage
2.5 V
Power Dissipation
RU-28 Package (AD8332)4
0.96 W
CP-32 Package (AD8332)5
1.97 W
RQ-20 Package (AD8331)4
0.78 W
Temperature
Operating Temperature
–40°C to +85°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
θJA
RU-28 Package (AD8332)4
68°C/W
CP-32 Package (AD8332)5
33°C/W
RQ-20 Package (AD8331)4
83°C/W
θJC
RU-28 Package (AD8332)4
14°C/W
CP-32 Package (AD8332)5
33°C/W
RQ-20 Package (AD8331)4
n/a
4 Four-Layer JEDEC Board (2S2P).
5 Exposed pad soldered to board, nine thermal vias in pad — JEDEC 4-Layer
Board J-STD-51-9.
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD8332-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8332-EVAL AD-AD8332-EVAL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332-EVALZ AD-AD8332-EVALZ Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
More results

Description similaire - AD8332-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com