Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8332ACP-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8332ACP-REEL7
Description  Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8332ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 12Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 13Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 14Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8332
100M
FREQUENCY – Hz
1M
10M
–10
–90
–80
–70
–60
–30
–50
–40
–20
0
VOUT = 1V p-p COMPOSITE (f1 + f2)
G = 30dB
0.4
VGAIN – V
0.2
0
–100
–80
–60
–40
–20
0
0.3
0.1
–120
0.9
0.7
0.5
0.8
0.6
1.0
HILO = HI,
HD2
f = 1MHz
VOUT = 1V p-p
HILO = LO,
HD3
INPUT RANGE
LIMITED WHEN
HILO = LO
HILO = LO,
HD2
HILO = HI,
HD3
Figure 33. Harmonic Distortion vs. VGAIN, f = 1 MHz
Figure 36. IMD3 vs. Frequency
VGAIN – V
0.4
0.2
0
–100
–80
–60
–40
–20
0
0.3
0.1
–120
0.9
0.7
0.5
0.8
0.6
1.0
HILO = HI,
HD3
HILO = HI,
HD2
f = 10MHz
VOUT = 1V p-p
HILO = LO,
HD3
INPUT RANGE
LIMITED WHEN
HILO = LO
HILO = LO,
HD2
VGAIN – V
15
20
25
30
0
5
10
0.1
0.4
0
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.5
40
35
HILO = HI,
1MHz
HILO = HI,
10MHz
HILO = LO,
10MHz
HILO = LO,
1MHz
VOUT = 1V p-p COMPOSITE (f1 + f2)
Figure 34. Harmonic Distortion vs. VGAIN, f = 10 MHz
Figure 37. Output Third Order Intercept vs. VGAIN
100
90
10
0
2mV
50mV
10ns
0.4
0.2
0
0.3
0.1
–30
0.9
0.7
0.5
0.8
0.6
1.0
5
0
–5
–10
–15
–20
–25
10
VGAIN – V
f = 10MHz
HILO = HI
HILO = LO
Figure 35. Input 1 dB Compression vs. VGAIN
Figure 38. Small Signal Pulse Response, G = 30 dB,
Top: Input, Bottom: Output Voltage, HILO = HI or LO
Rev. 0 | Page 11 of 28


Numéro de pièce similaire - AD8332ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
More results

Description similaire - AD8332ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
   Ultralow Distortion IF Dual VGA
REV. A
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
   Ultralow Distortion IF Dual VGA
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
   Low Noise Dual Preamplifier
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
   LOW NOISE DUAL PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com