Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9286-500EBZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9286-500EBZ
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9286-500EBZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9286-500EBZ Datasheet HTML 7Page - Analog Devices AD9286-500EBZ Datasheet HTML 8Page - Analog Devices AD9286-500EBZ Datasheet HTML 9Page - Analog Devices AD9286-500EBZ Datasheet HTML 10Page - Analog Devices AD9286-500EBZ Datasheet HTML 11Page - Analog Devices AD9286-500EBZ Datasheet HTML 12Page - Analog Devices AD9286-500EBZ Datasheet HTML 13Page - Analog Devices AD9286-500EBZ Datasheet HTML 14Page - Analog Devices AD9286-500EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9286
Data Sheet
Rev. C | Page 10 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
AVDD
AVDD
AUXCLK+
AUXCLK–
RBIAS
AUXCLKEN
DRGND
DRVDD
D0– (LSB)
D0+ (LSB)
D1–
D1+
AVDD
CLK+
CLK–
CSB
SDIO/PWDN
SCLK
OE
DRGND
DRVDD
D7+ (MSB)
D7– (MSB)
35
AVDD
36
34
33
32
31
30
29
28
27
26
25
AD9286
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB ANALOG
GROUND TO ENSURE PROPER FUNCTIONALITY AND HEAT
DISSIPATION, NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 6. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Pins
1, 2, 35, 36, 37, 40, 42,
44, 45, 48
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
8, 27
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
7, 28
DRGND
Ground
Digital Output Ground.
0
AGND
Ground
Analog Ground. Pin 0 is the exposed thermal pad on the bottom of the
package. This is the only ground connection, and it must be soldered to
the PCB analog ground to ensure proper functionality and heat dissipation,
noise, and mechanical strength benefits.
ADC Analog Pins
39
VIN1+
Input
Differential Analog Input Pin (+) for Channel 1.
38
VIN1−
Input
Differential Analog Input Pin (−) for Channel 1.
46
VIN2+
Input
Differential Analog Input Pin (+) for Channel 2.
47
VIN2−
Input
Differential Analog Input Pin (−) for Channel 2.
43
VREF
Input/output
Voltage Reference Input/Output.
5
RBIAS
Input/output
External Reference Bias Resistor. Connect 10 kΩ from RBIAS to AGND.
41
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
34
CLK+
Input
ADC Clock Input—True.
33
CLK−
Input
ADC Clock Input—Complement.
3
AUXCLK+
Input
Auxiliary ADC Clock Input—True.
4
AUXCLK−
Input
Auxiliary ADC Clock Input—Complement.
Digital Inputs
6
AUXCLKEN
Input
Auxiliary Clock Input Enable.
29
OE
Input
Digital Enable (Active Low) to Tristate Output Data Pins.
Digital Outputs
26
D7+ (MSB)
Output
Output Data 7—True.
25
D7− (MSB)
Output
Output Data 7—Complement.
24
D6+
Output
Output Data 6—True.
23
D6−
Output
Output Data 6—Complement.
22
D5+
Output
Output Data 5—True.
21
D5−
Output
Output Data 5—Complement.


Numéro de pièce similaire - AD9286-500EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results

Description similaire - AD9286-500EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9484 AD-AD9484 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com