Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9286BCPZRL7-500 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9286BCPZRL7-500
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9286BCPZRL7-500 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9286BCPZRL7-500 Datasheet HTML 2Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 3Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 4Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 5Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 6Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 7Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 8Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 9Page - Analog Devices AD9286BCPZRL7-500 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
AD9286
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, AIN = 5 MHz, full temperature, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−, AUXCLK+, AUXCLK−)
Logic Compliance
LVDS/PECL
Internal Common-Mode Bias
Full
1.2
V
Differential Input Voltage2
Full
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
V
High Level Input Voltage
Full
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance (Differential)
25°C
20
Input Capacitance
25°C
4
pF
LOGIC INPUTS
CSB
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−5
−0.4
+5
µA
Low Level Input Current
Full
−80
−63
−50
µA
Input Resistance
25°C
30
Input Capacitance
25°C
2
pF
SCLK, SDIO/PWDN, AUXCLKEN, OE
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
50
57
70
µA
Low Level Input Current
Full
−5
−0.4
+5
µA
Input Resistance
25°C
30
Input Capacitance
25°C
2
pF
DIGITAL OUTPUTS (D7+, D7− to D0+, D0−), LVDS
DRVDD = 1.8 V
Differential Output Voltage (VOD)
Full
290
345
400
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Offset binary
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were
completed.
2
Specified for LVDS and LVPECL only.
Rev. C | Page 5 of 27


Numéro de pièce similaire - AD9286BCPZRL7-500

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results

Description similaire - AD9286BCPZRL7-500

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9484 AD-AD9484 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com