Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA14601 Fiches technique(PDF) 3 Page - Cree, Inc

No de pièce CA14601
Description  Veronica series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CA14601 Fiches technique(HTML) 3 Page - Cree, Inc

  CA14601 Datasheet HTML 1Page - Cree, Inc CA14601 Datasheet HTML 2Page - Cree, Inc CA14601 Datasheet HTML 3Page - Cree, Inc CA14601 Datasheet HTML 4Page - Cree, Inc CA14601 Datasheet HTML 5Page - Cree, Inc CA14601 Datasheet HTML 6Page - Cree, Inc CA14601 Datasheet HTML 7Page - Cree, Inc CA14601 Datasheet HTML 8Page - Cree, Inc CA14601 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
3:1 WEIGHT
SHEET
1/1
SIZE
A4
DRAWING TITLE
VERONICA-SQ-MINI
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX
DESCRIPTION
1
VERONICA-SQ-MINI-TAPE
2
VERONICA-SQ-MINI
2
LED position
Isometric view
Scale:
2:1
13.9
Oval version
TOP VIEW
Pos pin
Pos pin
Oval direction


Numéro de pièce similaire - CA14601

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA14601 LEDIL-CA14601 Datasheet
7Mb / 13P
   ~17째 spot beam
More results

Description similaire - CA14601

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA14442 CREE-CA14442 Datasheet
3Mb / 51P
   Veronica series
CA14461 CREE-CA14461 Datasheet
2Mb / 50P
   Veronica series
CA13724 CREE-CA13724 Datasheet
868Kb / 15P
   Veronica series
C13529 CREE-C13529 Datasheet
3Mb / 57P
   Veronica series
C13528 CREE-C13528 Datasheet
1Mb / 27P
   Veronica series
CA13726 CREE-CA13726 Datasheet
2Mb / 45P
   Veronica series
logo
Ledil, Inc.
C13528 LEDIL-C13528 Datasheet
1Mb / 31P
   Veronica Lens
CA14602 LEDIL-CA14602 Datasheet
1Mb / 21P
   Veronica Assembly
CA15519 LEDIL-CA15519 Datasheet
736Kb / 11P
   Veronica Assembly
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com