Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS116WS-AU Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce BAS116WS-AU
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116WS-AU Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  BAS116WS-AU Datasheet HTML 1Page - Pan Jit International Inc. BAS116WS-AU Datasheet HTML 2Page - Pan Jit International Inc. BAS116WS-AU Datasheet HTML 3Page - Pan Jit International Inc. BAS116WS-AU Datasheet HTML 4Page - Pan Jit International Inc. BAS116WS-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
May 25,2016-REV.04
BAS116WS-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel


Numéro de pièce similaire - BAS116WS-AU

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS Datasheet
500Kb / 2P
   0.215A , 85V Surface Mount Small Signal Switching Diode
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS_15 Datasheet
500Kb / 2P
   Surface Mount Small Signal Switching Diode
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
More results

Description similaire - BAS116WS-AU

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
   SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
   SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com