Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA13156 Fiches technique(PDF) 3 Page - Cree, Inc

No de pièce CA13156
Description  EMERALD series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CA13156 Fiches technique(HTML) 3 Page - Cree, Inc

  CA13156 Datasheet HTML 1Page - Cree, Inc CA13156 Datasheet HTML 2Page - Cree, Inc CA13156 Datasheet HTML 3Page - Cree, Inc CA13156 Datasheet HTML 4Page - Cree, Inc CA13156 Datasheet HTML 5Page - Cree, Inc CA13156 Datasheet HTML 6Page - Cree, Inc CA13156 Datasheet HTML 7Page - Cree, Inc CA13156 Datasheet HTML 8Page - Cree, Inc CA13156 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Beam pattern
direction
DESIGNED BY
ol
DATE
3.10.2012
CHECKED BY
as
DATE
DRAWN BY
ol
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT
SHEET
1/1
SIZE
A4
PART NUMBER
CA13156
REV
001
DATASHEET TITLE
CA13156 EMERALD-A
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Mechanical Drawing
INDEX PART NO DESCRIPTION
MATERIAL
1
CA13156 EMERALD-A
PMMA + PU FOAM adhesive tape
A
D
3
2
4
1
18.12.2012
18.12.2012
Front view
6
2
8. 6 pin c- c
Bottom view
21.
6
1
Top view
A
A
1.2 5
Section view A-A
Scale:
1:1
Isometric view
Scale:
2:1


Numéro de pièce similaire - CA13156

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA13156 LEDIL-CA13156 Datasheet
3Mb / 55P
   Emerald Assembly
CA13156 LEDIL-CA13156 Datasheet
3Mb / 10P
   Asymmetric beam. Assembly with installation tape.
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
   Asymmetric beam. Assembly with installation tape.
More results

Description similaire - CA13156

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C13155 CREE-C13155 Datasheet
3Mb / 57P
   EMERALD series
CA11998 CREE-CA11998 Datasheet
678Kb / 11P
   EMERALD series
C14522 CREE-C14522 Datasheet
689Kb / 11P
   EMERALD series
CA14523 CREE-CA14523 Datasheet
3Mb / 55P
   EMERALD series
logo
Ledil, Inc.
CA13156 LEDIL-CA13156 Datasheet
3Mb / 55P
   Emerald Assembly
C13155 LEDIL-C13155 Datasheet
3Mb / 59P
   Emerald Lens
logo
NICHIA CORPORATION
NDE4116 NICHIA-NDE4116 Datasheet
182Kb / 3P
   Emerald Green Laser Diode
logo
OptoSupply Internationa...
OSG48A5111A OPTOSUPPLY-OSG48A5111A Datasheet
111Kb / 1P
   5mm Round Emerald Green LED
logo
NICHIA CORPORATION
NDE4116E-E NICHIA-NDE4116E-E Datasheet
234Kb / 3P
   Emerald Green Laser Diode
logo
OptoSupply Internationa...
OSG48AS1C1A OPTOSUPPLY-OSG48AS1C1A Datasheet
110Kb / 1P
   3.5x2.8x1.9mm Emerald Green SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com