Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1812KRX7RCBN103 Fiches technique(PDF) 2 Page - YAGEO Corporation

No de pièce CS1812KRX7RCBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1812KRX7RCBN103 Fiches technique(HTML) 2 Page - YAGEO Corporation

  CS1812KRX7RCBN103 Datasheet HTML 1Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 2Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 3Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 4Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 5Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 6Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 7Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 8Page - YAGEO Corporation CS1812KRX7RCBN103 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
SCOPE
This specification describes X7R
series chip capacitors with Flexible
leadfree terminations.
APPLICATIONS
High flexure stress circuit boards
Switch power supplies
Telecom base station
FEATURES
Supplied in tape on reel
Flexible termination system
Leaded-free termination meet
RoHS requirements
Improved resistance to thermal
stresses
Increased mechanical
performance
ORDERING INFORMATION - GLOBAL PART NUMBER
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Y
YA
AG
GE
EO
O oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
CS XXXX X X X7R X BX XXX
(1)
(2) (3)
(4) (5)
(6)
(1) SIZE – INCH BASED (METRIC)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1808 (4520)
1812 (4532)
(2) TOLERANCE
G = ± 2% (1)
J = ± 5% (2)
K = ± 10%
M = ± 20%
(3) PACKING STYLE
R = Paper/PE taping reel; Reel 7 inch
K = Blister taping reel; Reel 7 inch
P = Paper/PE taping reel; Reel 13 inch
F = Blister taping reel; Reel 13 inch
(4) RATED VOLTAGE
7 = 16 V
8 = 25 V
9 = 50 V
0 = 100 V
A = 200 V
Y = 250 V
B = 500 V
Z = 630 V
C = 1 kV
D = 2 kV
E = 3 kV
(5) PROCESS
N = NP0
B = Class 2 MLCC
(6) CAPACITANCE VALUE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 103 = 10 x 103 = 10,000 pF = 10 nF
NOTE
1. Tolerance ±2% doesn't available for full NPO product range, please contact local sales
force before order.
2. Tolerance ±5% doesn't available for full X7R product range, please contact local sales
force before order.


Numéro de pièce similaire - CS1812KRX7RCBN103

FabricantNo de pièceFiches techniqueDescription
logo
Hammond Manufacturing L...
CS18124 HAMMOND-CS18124 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS18126 HAMMOND-CS18126 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Description similaire - CS1812KRX7RCBN103

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com