Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3681J Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA3681J
Description  Multiple voltage regulator with switch and ignition buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681J Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA3681J Datasheet HTML 1Page - NXP Semiconductors TDA3681J Datasheet HTML 2Page - NXP Semiconductors TDA3681J Datasheet HTML 3Page - NXP Semiconductors TDA3681J Datasheet HTML 4Page - NXP Semiconductors TDA3681J Datasheet HTML 5Page - NXP Semiconductors TDA3681J Datasheet HTML 6Page - NXP Semiconductors TDA3681J Datasheet HTML 7Page - NXP Semiconductors TDA3681J Datasheet HTML 8Page - NXP Semiconductors TDA3681J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2002 Apr 10
5
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
handbook, full pagewidth
MGU353
REGULATOR 2
REGULATOR 4
REGULATOR 1
16
13
4
+
TEMPERATURE
LOAD DUMP
PROTECTION
14
8
6
20
7
5
10
POWER SWITCH
BACKUP SWITCH
BACKUP CONTROL
&
&
&
&
OR
GND
(14.4 V)
TDA3681TH
RES
REG2
REG4
REG1
(14 V/
3 A)
(14 V/
100 mA)
(5 V/
300 mA)
(3.3 V/
1 A)
(8.5 V/
600 mA)
SW
VP1
ENSW
EN4
11
HEATTAB
n.c.
n.c.
15
18
VP2
EN1/3
CRES
BU
HOLD
9
17
IGNITION BUFFER
2
IGNOUT
IGNIN
3
1
REGULATOR 3
&
REG3
(5 V/
1400 mA)
19
12
Fig.2 Block diagram of TDA3681TH.


Numéro de pièce similaire - TDA3681J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3681A NXP-TDA3681A Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
More results

Description similaire - TDA3681J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com