Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-DWR-T818P-V236-91 Fiches technique(PDF) 1 Page - Amphenol Corporation

No de pièce P-DWR-T818P-V236-91
Description  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-T818P-V236-91 Fiches technique(HTML) 1 Page - Amphenol Corporation

  P-DWR-T818P-V236-91 Datasheet HTML 1Page - Amphenol Corporation P-DWR-T818P-V236-91 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES:
MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS
1.
- HOUSING: HIGH TEMPERATURE RESISTANT NYLON, UL FLAMMABILITY RATING 94V-0, COLOUR BLACK
- SIGNAL CONTACTS: PHOSPHOR BRONZE PLATED WITH 0.38µm (15µ”) GOLD OVER 1.27µm (50µ”)
NICKEL ON THE MATING AREA AND 2.54µm (100µ”) MATTE TIN OVER NICKEL ON THE TAILS.
- POWER CONTACTS: COPPER ALLOY PLATED WITH 5.08µm (200µ”) SILVER OVER 1.27µm (50µ”) NICKEL
DRY LUBRICANT APPLIED TO CONTACT SURFACE AFTER PLATING.
2.
WHEN MATED WITH SPECIAL SOCKET CONNECTOR P/N DWR-T818S-V236-90, THE ORDER OF MECHANICAL
AND ELECTRICAL ENGAGEMENT IS A) HOUSING BLADES, B) HOUSING SHROUD, C) EXTENDED POWER
CONTACTS (A4, A5), D) STANDARD POWER CONTACTS (A1, A3, A7, A8), E) STANDARD SIGNAL CONTACTS
IN POSITIONS 3 TO 18 AND F) TWO "LAST MAKE" SIGNAL CONTACTS IN POSITIONS 1 & 2.
3.
RATINGS SUBJECT TO DESIGN QUALIFICATION TESTING
- CURRENT RATING: 55A POWER, 5A SIGNAL
- DIELECTRIC WITHSTANDING VOLTAGE: 1500VDC
- INSULATION RESISTANCE: 5000 MEGAOHMS
- OPERATING TEMPERATURE: -55C TO +105C
AMPHENOL PART NUMBER: DWR-T818P-V236-91
03554
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
S.M
PINS IN POSITION A2 & A6 REMOVED
C
B
2
C
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
OF
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DWR-T818P-V236-91
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
POWER CONTACTS, RoHS COMPLIANT
S.CAELERS
A
PROPOSAL DRAWING (EAR 13841)
MAR04/11
DWG SIZE:
VERTICAL PCB TAILS, SPECIAL FIRST MAKE
& A6) CONNECTOR, PIN & SIGNAL CONTACTS,
DRAWING
MAR04/11
1
2:1
C
EAR 13841
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
REF.
SCALE
DO NOT
PROJECTION
ANGLE
THIRD
DWR SERIES SLIM DRAWER 8 + 18 PIN (MINUS A2
UPDATED AS PER PCN-C1087
ANGULAR DEGREES
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
ENG. REL. NO.
MAR04/11
K.LAMBIE
K.L
S.M
MAR01/12
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
MAR07/16
HOUSING BLADE IS
OFF CENTRE TO
PREVENT IMPROPER
MATING
1.016
REF
25.81
1.50
HOUSING BLADE
ALIGNMENT
CORRECTION
.059
128.17
5.046
116.99
4.606
PEG PREVENTS
BACKPLANE
ASSEMBLY ERRORS
ORIENTATION
0.46 [.018] x 0.76[.030]
SIGNAL CONTACT
TAILS (18 PLACES)
.125
3.18
4.214
107.04
.062
EXTENDED POWER
CONTACTS IN POSITIONS
A4 & A5
.250
6.35
15.65
.616
.150
3.81
1.58
3.75
.148
POWER CONTACT
TAILS (6 PLACES)
AND A6 LEFT BLANK
POWER POSITIONS A2
21.95
.864
1.368
34.75
10.80
.425
3.528
89.61
2.74
TYP.
.108
3.30
.130
.360
TYP.
9.14
3.25
.128
MOUNTING HOLE


Numéro de pièce similaire - P-DWR-T818P-V236-91

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
P-DWR-T010P-V233-01 AMPHENOL-P-DWR-T010P-V233-01 Datasheet
85Kb / 2P
   DIELECTRIC WITHSTANDING VOLTAGE
P-DWR-T010S-V233-01 AMPHENOL-P-DWR-T010S-V233-01 Datasheet
76Kb / 2P
   d-sub technical data
P-DWR-T200P-V23X-93 AMPHENOL-P-DWR-T200P-V23X-93 Datasheet
91Kb / 2P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
P-DWR-T424P-V236-90 AMPHENOL-P-DWR-T424P-V236-90 Datasheet
84Kb / 2P
   d-sub technical data
More results

Description similaire - P-DWR-T818P-V236-91

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com