Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4405DY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4405DY
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4405DY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4405DY Datasheet HTML 1Page - Vishay Siliconix SI4405DY Datasheet HTML 2Page - Vishay Siliconix SI4405DY Datasheet HTML 3Page - Vishay Siliconix SI4405DY Datasheet HTML 4Page - Vishay Siliconix SI4405DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4405DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71913
S-31726—Rev. D, 18-Aug-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 1.0
- 3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 24 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 24 V, VGS = 0 V, TJ = 70_C
-10
mA
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 10 V
-30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 10 V, ID = - 17 A
0.006
0.0075
W
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 17 A
47
S
Diode Forward Voltagea
VSD
IS = - 2.9 A, VGS = 0 V
- 0.75
- 1.1
V
Dynamicb
Total Gate Charge
Qg
105
160
Gate-Source Charge
Qgs
VDS = - 15 V, VGS = - 10 V, ID = - 17 A
17.5
nC
Gate-Drain Charge
Qgd
29.5
Gate Resistance
Rg
3
4
6.5
W
Turn-On Delay Time
td(on)
25
40
Rise Time
tr
VDD = - 15 V, RL = 15 W
15
25
Turn-Off Delay Time
td(off)
VDD = - 15 V, RL = 15 W
ID ^ - 1 A, VGEN = - 10 V, RG = 6 W
190
285
ns
Fall Time
tf
80
120
Source-Drain Reverse Recovery Time
trr
IF = - 2.9 A, di/dt = 100 A/ms
70
110
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
60
0
1234
5
VGS = 10 thru 5 V
TC = 125_C
-55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
4 V


Numéro de pièce similaire - SI4405DY

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI4405DY-T1-GE3 VBSEMI-SI4405DY-T1-GE3 Datasheet
990Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - SI4405DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com