Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7985BCPZ-RL7 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD7985BCPZ-RL7
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ-RL7 Fiches technique(HTML) 2 Page - Analog Devices

  AD7985BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AD7985* PRODUCT PAGE QUICK LINKS
Last Content Update: 04/14/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7985 Evaluation Board
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
Data Sheet
• AD7985: 16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Data Sheet
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-727: Evaluating the AD7944/AD7985/AD7986 14-/16-/
18-Bit, PulSAR ADCs
REFERENCE DESIGNS
• CN0260
REFERENCE MATERIALS
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
• MS-2689: Isolating SPI for High Bandwidth Sensors
Tutorials
• MT-002: What the Nyquist Criterion Means to Your
Sampled Data System Design
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
DESIGN RESOURCES
• AD7985 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7985 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


Numéro de pièce similaire - AD7985BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7985BCPZ-RL7 AD-AD7985BCPZ-RL7 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

Description similaire - AD7985BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com