Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP5907 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LP5907
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LP5907_17 Datasheet HTML 2Page - Texas Instruments LP5907_17 Datasheet HTML 3Page - Texas Instruments LP5907_17 Datasheet HTML 4Page - Texas Instruments LP5907_17 Datasheet HTML 5Page - Texas Instruments LP5907_17 Datasheet HTML 6Page - Texas Instruments LP5907_17 Datasheet HTML 7Page - Texas Instruments LP5907_17 Datasheet HTML 8Page - Texas Instruments LP5907_17 Datasheet HTML 9Page - Texas Instruments LP5907_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 1 V, VEN = 1.2 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, unless otherwise stated.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) There is a 1-MΩ resistor between EN and ground on the device.
eN
Output noise voltage(9)
BW = 10 Hz to 100 kHz
IOUT = 1 mA
10
µVRMS
IOUT = 250 mA
6.5
RAD
Output Automatic Discharge
pulldown resistance
VEN < VIL (output disabled)
230
Ω
TSD
Thermal shutdown
TJ rising
160
°C
Thermal hysteresis
TJ falling from shutdown
15
LOGIC INPUT THRESHOLDS
VIL
Low input threshold
VIN = 2.2 V to 5.5 V
VEN falling until the output is disabled
0.4
V
VIH
High input threshold
VIN = 2.2 V to 5.5 V
VEN rising until the output is enabled
1.2
V
IEN
Input current at EN pin(10)
VEN = 5.5 V and VIN = 5.5 V
5.5
µA
VEN = 0 V and VIN = 5.5 V
0.001
TRANSIENT CHARACTERISTICS
ΔVOUT
Line transient(9)
VIN = (VOUT(NOM) + 1 V) to
(VOUT(NOM) + 1.6 V) in 30 µs
–1
mV
VIN = (VOUT(NOM) + 1.6 V) to
(VOUT(NOM) + 1.6 V) in 30 µs
1
Load transient(9)
IOUT = 1 mA to 250 mA in 10 µs
–40
mV
IOUT = 250 mA to 1mA in 10 µs
40
Overshoot on start-up(9)
Stated as a percentage of VOUT(NOM)
5%
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM)
TA = 25°C
80
150
µs
(1)
The minimum capacitance should be greater than 0.5 μF over the full range of operating conditions. The capacitor tolerance should be
30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application must be
considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended however
capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
(2)
This specification is verified by design.
6.6 Output and Input Capacitors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
Capacitance for stability
0.7
1
µF
COUT
Output capacitance(2)
0.7
1
10
µF
ESR
Output/Input capacitance(2)
5
500


Numéro de pièce similaire - LP5907_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Description similaire - LP5907_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com