Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP5907 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LP5907
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Fiches technique(HTML) 3 Page - Texas Instruments

  LP5907_17 Datasheet HTML 1Page - Texas Instruments LP5907_17 Datasheet HTML 2Page - Texas Instruments LP5907_17 Datasheet HTML 3Page - Texas Instruments LP5907_17 Datasheet HTML 4Page - Texas Instruments LP5907_17 Datasheet HTML 5Page - Texas Instruments LP5907_17 Datasheet HTML 6Page - Texas Instruments LP5907_17 Datasheet HTML 7Page - Texas Instruments LP5907_17 Datasheet HTML 8Page - Texas Instruments LP5907_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
N/C
1
2
3
5
4
EN
GND
IN
OUT
OUT
1
2
3
4
GND
IN
EN
5
B2
B1
A2
A1
OUT
GND
IN
EN
B2
B1
A2
A1
OUT
GND
IN
EN
TOP VIEW
BOTTOM VIEW
3
LP5907
www.ti.com
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YKE Package
4-Pin DSBGA
DQN Package
4-Pin X2SON
Bottom View
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DSBGA
NUMBER
X2SON
NUMBER
SOT-23
NUMBER
IN
A1
4
1
I
Input voltage supply. A 1-μF capacitor should be connected at this input.
OUT
A2
1
5
O
Regulated output voltage. A minimum 1-μF low-ESR capacitor should be
connected to this pin. Connect this output to the load circuit. An internal
230-Ω (typical) pulldown resistor prevents a charge remaining on VOUT
when the regulator is in the shutdown mode (VEN low).
EN
B1
3
3
I
Enable input. A low voltage (< VIL) on this pin turns the regulator off and
discharges the output pin to GND through an internal 230-Ω pulldown
resistor. A high voltage (> VIH) on this pin enables the regulator output.
This pin has an internal 1M-Ω pulldown resistor to hold the regulator off
by default.
GND
B2
2
2
Common ground
N/C
N/A
N/A
4
No internal electrical connection.
Thermal Pad
N/A
5
N/A
Thermal pad for X2SON package, connect to GND or leave floating. Do
not connect to any potential other than GND.


Numéro de pièce similaire - LP5907_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Description similaire - LP5907_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com