Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD22205LT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD22205LT
Description  8-V P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD22205LT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CSD22205LT Datasheet HTML 2Page - Texas Instruments CSD22205LT Datasheet HTML 3Page - Texas Instruments CSD22205LT Datasheet HTML 4Page - Texas Instruments CSD22205LT Datasheet HTML 5Page - Texas Instruments CSD22205LT Datasheet HTML 6Page - Texas Instruments CSD22205LT Datasheet HTML 7Page - Texas Instruments CSD22205LT Datasheet HTML 8Page - Texas Instruments CSD22205LT Datasheet HTML 9Page - Texas Instruments CSD22205LT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
D011
-VDS - Drain-to-Source Voltage (V)
0.1
1
10
20
20
0.1
1
10
100
200
D010
100 ms
10 ms
1 ms
100 µs
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = -1.8 V
VGS = -2.5 V
VGS = -4.5 V
-VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = -55qC
TC = -40qC
TC = 25qC
TC = 125qC
TC = 150qC
6
CSD22205L
SLPS690 – MAY 2017
www.ti.com
Product Folder Links: CSD22205L
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = –1 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single pulse, typical RθJA = 225°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature


Numéro de pièce similaire - CSD22205LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204WT TI1-CSD22204WT Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results

Description similaire - CSD22205LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
[Old version datasheet]   CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com