Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA11837 Fiches technique(PDF) 1 Page - Cree, Inc

No de pièce CA11837
Description  Laura series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CA11837 Fiches technique(HTML) 1 Page - Cree, Inc

  CA11837 Datasheet HTML 1Page - Cree, Inc CA11837 Datasheet HTML 2Page - Cree, Inc CA11837 Datasheet HTML 3Page - Cree, Inc CA11837 Datasheet HTML 4Page - Cree, Inc CA11837 Datasheet HTML 5Page - Cree, Inc CA11837 Datasheet HTML 6Page - Cree, Inc CA11837 Datasheet HTML 7Page - Cree, Inc CA11837 Datasheet HTML 8Page - Cree, Inc CA11837 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRODUCT DATASHEET
Laura series
last update 6/6/2017
DETAILS
Product Number
CA11837_LAURA-M-PIN
Family
Laura
Type
Assembly
Color
white
Diameter
21,6 x 21,6 mm
Height
13,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
6/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
30 deg
Medium
92 %
2.600
-
XP-G
30 deg
Medium
93 %
2.500
-
XB-D
28 deg
Medium
92 %
2.470
-
XP-E-HEW
27 deg
Medium
85 %
2.600
-
XP-E2
28 deg
Medium
88 %
2.980
-
LUXEON Rebel
27 deg
Medium
88 %
2.900
-
LUXEON T
30 deg
Medium
89 %
2.400
-
LUXEON Z ES
26 deg
Medium
92 %
3.600
-
LUXEON H50-2
sim: 32.5
Medium
sim: 85 % sim: 2.600 -
NCSxx19B
28 deg
Medium
86 %
2.900
-
NF2x757D
25 deg
Medium
88 %
3.700
-
SFH 4715S
sim: 30
Medium
sim: 85 % -
-
Oslon Square PC
sim: 29
Medium
83 %
3.140
-
Oslon SSL 80
30 deg
Medium
88 %
2.430
-
Oslon SSL 150
26 deg
Medium
87 %
2.720
-
Oslon Square EC
27 deg
Medium
86 %
2.420
-
SFH 4725S
22 deg
Medium
-
-
-
Z5
29 deg
Medium
-
-
-
June 7th 2017 6:46 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Numéro de pièce similaire - CA11837

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
   ~30째 medium beam optimized for CREE XP-E
More results

Description similaire - CA11837

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA13638 CREE-CA13638 Datasheet
1Mb / 15P
   Laura series
CA12012 CREE-CA12012 Datasheet
1Mb / 19P
   Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
   Laura series
CA13634 CREE-CA13634 Datasheet
2Mb / 37P
   Laura series
CA11353 CREE-CA11353 Datasheet
796Kb / 11P
   Laura series
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
   Laura series
CA11960 CREE-CA11960 Datasheet
754Kb / 15P
   Laura series
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
   Laura series
CA13639 CREE-CA13639 Datasheet
364Kb / 5P
   Laura series
CA11355 CREE-CA11355 Datasheet
709Kb / 11P
   Laura series
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
   Laura series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com