Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC105050NSE-F Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics

No de pièce TDC105050NSE-F
Description  Dipped, Radial Leaded, Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TDC105050NSE-F Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics

  TDC105050NSE-F Datasheet HTML 1Page - Cornell Dubilier Electronics TDC105050NSE-F Datasheet HTML 2Page - Cornell Dubilier Electronics TDC105050NSE-F Datasheet HTML 3Page - Cornell Dubilier Electronics TDC105050NSE-F Datasheet HTML 4Page - Cornell Dubilier Electronics TDC105050NSE-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
Type TDC Solid Tantalum Capacitors
* Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order)
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
Ratings
Max.
Max. DF
Max.
Max. DF
Catalog
Case
Lead
DCL
@ +25 ºC
Catalog
Case
Lead
DCL
@ +25 ºC
Cap
Part Number
Code
Spacing @ +25 ºC 120 Hz
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
(µF)
(S)
(µA)
(%)
(µF)
(S)
(µA)
(%)
35 WVdc; 46 Vdc Surge @ 85 ºC
50 WVdc; 65 Vdc Surge @ 85 ºC
23 WVdc; 28 Vdc Surge @ 125 ºC
33 WVdc; 40 Vdc Surge @ 125 ºC
0.10
TDC104*035NSE-F
E
0.125
0.5
3
.10
TDC104*050NSE-F
E
0.125
0.5
3
0.12
TDC124*035NSE-F
E
0.125
0.5
3
.12
TDC124*050NSE-F
E
0.125
0.5
3
0.15
TDC154*035NSE-F
E
0.125
0.5
3
.15
TDC154*050NSE-F
E
0.125
0.5
3
0.18
TDC184*035NSE-F
E
0.125
0.5
3
.18
TDC184*050NSE-F
E
0.125
0.5
3
0.22
TDC224*035NSE-F
E
0.125
0.5
3
.22
TDC224*050NSE-F
E
0.125
0.5
3
0.27
TDC274*035NSE-F
E
0.125
0.5
3
.27
TDC274*050NSE-F
E
0.125
0.5
3
0.33
TDC334*035NSE-F
E
0.125
0.5
3
.33
TDC334*050NSE-F
E
0.125
0.5
3
0.39
TDC394*035NSE-F
E
0.125
0.5
3
.39
TDC394*050NSE-F
E
0.125
0.5
3
0.47
TDC474*035NSE-F
E
0.125
0.5
3
.47
TDC474*050NSE-F
E
0.125
0.5
3
0.56
TDC564*035NSE-F
E
0.125
0.5
3
.56
TDC564*050NSE-F
E
0.125
0.5
3
0.68
TDC684*035NSE-F
E
0.125
0.5
3
.68
TDC684*050NSE-F
E
0.125
0.5
3
0.82
TDC824*035NSE-F
E
0.125
0.5
3
.82
TDC824*050NSE-F
E
0.125
0.5
3
1.0
TDC105*035NSE-F
E
0.125
0.5
3
1.0
TDC105*050NSE-F
E
0.125
0.5
3
1.2
TDC125*035NSE-F
E
0.125
0.5
5
1.2
TDC125*050NSE-F
E
0.125
0.5
5
1.5
TDC155*035NSE-F
E
0.125
0.5
5
1.5
TDC155*050NSE-F
E
0.125
0.6
5
1.8
TDC185*035NSE--F
E
0.125
0.5
5
1.8
TDC185*050NSF-F
F
0.125
0.7
5
2.2
TDC225*035NSE-F
E
0.125
0.6
5
2.2
TDC225*050NSF-F
F
0.125
0.9
5
2.7
TDC275*035NSF-F
F
0.125
0.7
5
2.7
TDC275*050NSF-F
F
0.125
1.1
5
3.3
TDC335*035NSF-F
F
0.125
0.9
5
3.3
TDC335*050NSF-F
F
0.125
1.3
5
3.9
TDC339*035NSF-F
F
0.125
1.0
5
3.9
TDC395*050NSF-F
F
0.125
1.6
5
4.7
TDC475*035NSF-F
F
0.125
1.3
5
4.7
TDC475*050NSF-F
F
0.125
1.9
5
5.6
TDC565*035NSF-F
F
0.125
1.6
5
5.6
TDC565*050NSF-F
F
0.125
2.2
5
6.8
TDC685*035NSF-F
F
0.125
1.9
5
6.8
TDC685*050WSG-F
G
0.25
2.7
5
8.2
TDC825*035NSF-F
F
0.125
2.3
6
8.2
TDC825*050WSG-F
G
0.25
3.3
6
10
TDC106*035NSF-F
F
0.125
2.8
6
10
TDC106*050WSG-F
G
0.25
4.0
6
12
TDC126*035WSG-F
G
0.25
3.4
6
12
TDC126*050WSG-F
G
0.25
4.8
6
15
TDC156*035WSG-F
G
0.25
4.2
6
15
TDC156*050WSG-F
G
0.25
6.0
6
18
TDC186*035WSG-F
G
0.25
5.0
6
18
TDC186*050WSG-F
G
0.25
7.2
6
22
TDC226*035WSG-F
G
0.25
6.2
6
22
TDC226*050WSG-F
G
0.25
8.8
6
27
TDC276*035WSG-F
G
0.25
7.6
6
33
TDC336*035WSG-F
G
0.25
9.2
6
39
TDC396*035WSG-F
G
0.25
10
6
47
TDC476*035WSG-F
G
0.25
10
6


Numéro de pièce similaire - TDC105050NSE-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
TDC105050NSE-F CDE-TDC105050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Description similaire - TDC105050NSE-F

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com