Moteur de recherche de fiches techniques de composants électroniques |
|
TDC225035NSE-F Fiches technique(PDF) 2 Page - Cornell Dubilier Electronics |
|
TDC225035NSE-F Fiches technique(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 5 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type TDC Solid Tantalum Capacitors Capacitor Outline Drawing Ratings * Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order) CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. Dimensions - Inches (Millimeters) Case Leads Code D (Max.) H (Max.) S Code E .175 (4.45) .350 (8.89) .125 (3.17) (Standard) N .250 (6.35) (Special) W F .250 (6.35) .500 (12.7) .125 (3.17) (Standard) N .250 (6.35) (Special) W G .350 (8.89) .650 (16.51) .250 (6.35) (Special) W .250 ±.025 (6.35 ±.64 D Max H Max H Max D Max . 187 ±.032 (4.75 ±.81) . 187 ±.032 (4.75 ±.81) S S .020 (.51) + + .020 (.51) E and F Case Codes: Lead Spacing = .125 ±.025 (3.17 ±.64) G Case Code: Lead Spacing = .250 ±.025 (6.34 ±.64) Max. Max. DF Max. Max. DF Catalog Case Lead DCL @ +25 ºC Catalog Case Lead DCL @ +25 ºC Cap Part Number Code Spacing @ +25 ºC 120 Hz Cap Part Number Code Spacing @ +25 ºC 120 Hz (µF) (S) (µA) (%) (µF) (S) (µA) (%) 6 WVdc; 8 Vdc Surge @ 85 ºC 10 WVdc; 13 Vdc Surge @ 85 ºC 4 WVdc; 5 Vdc Surge @ 125 ºC 7 WVdc; 9 Vdc Surge @ 125 ºC 3.3 TDC335*006NSE-F E 0.125 0.5 5 2.2 TDC225*010NSE-F E 0.125 0.5 5 3.9 TDC395*006NSE-F E 0.125 0.5 5 2.7 TDC275*010NSE-F E 0.125 0.5 5 4.7 TDC475*006NSE-F E 0.125 0.5 5 3.3 TDC335*010NSE-F E 0.125 0.5 5 5.6 TDC565*006NSE-F E 0.125 0.5 5 3.9 TDC395*010NSE-F E 0.125 0.5 5 6.8 TDC685*006NSE-F E 0.125 0.5 5 4.7 TDC475*010NSE-F E 0.125 0.5 5 8.2 TDC825*006NSE-F E 0.125 0.5 6 5.6 TDC565*010NSE-F E 0.125 0.5 5 10 TDC106*006NSE-F E 0.125 0.5 6 6.8 TDC685*010NSE-F E 0.125 0.5 5 12 TDC126*006NSE-F E 0.125 0.6 6 8.2 TDC825*010NSE-F E 0.125 0.7 6 15 TDC156*006NSF-F F 0.125 0.7 6 10 TDC106*010NSF-F F 0.125 0.8 6 18 TDC186*006NSF-F F 0.125 0.9 6 12 TDC126*010NSF-F F 0.125 1.0 6 22 TDC226*006NSF-F F 0.125 1.1 6 15 TDC156*010NSF-F F 0.125 1.2 6 27 TDC276*006NSF-F F 0.125 1.3 6 18 TDC186*010NSF-F F 0.125 1.4 6 33 TDC336*006NSF-F F 0.125 1.6 6 22 TDC226*010NSF-F F 0.125 1.8 6 39 TDC396*006NSF-F F 0.125 1.9 6 27 TDC276*010NSF-F F 0.125 2.2 6 47 TDC476*006NSF-F F 0.125 2.3 6 33 TDC336*010NSF-F F 0.125 2.6 6 56 TDC566*006NSF-F F 0.125 2.7 6 39 TDC396*010NSF-F F 0.125 3.1 6 68 TDC686*006NSF-F F 0.125 3.3 6 47 TDC476*010NSF-F F 0.125 3.8 6 82 TDC826*006NSF-F F 0.125 3.9 8 56 TDC566*010NSF-F F 0.125 4.5 6 100 TDC107*006NSF-F F 0.125 4.8 8 68 TDC686*010NSF-F F 0.125 5.4 6 120 TDC127*006WSG-F G 0.25 5.8 8 82 TDC826*010WSG-F G 0.25 6.6 8 150 TDC157*006WSG-F G 0.25 7.2 8 100 TDC107*010WSG-F G 0.25 8.0 8 180 TDC187*006WSG-F G 0.25 8.6 8 120 TDC127*010WSG-F G 0.25 9.6 8 220 TDC227*006WSG-F G 0.25 10 8 150 TDC157*010WSG-F G 0.25 10.0 8 270 TDC277*006WSG-F G 0.25 10 8 180 TDC187*010WSG-F G 0.25 10.0 8 330 TDC337*006WSG-F G 0.25 10 8 220 TDC227*010WSG-F G 0.25 10.0 8 |
Numéro de pièce similaire - TDC225035NSE-F |
|
Description similaire - TDC225035NSE-F |