Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2040 Fiches technique(PDF) 1 Page - HY ELECTRONIC CORP.

No de pièce SD2040
Description  PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SD2040 Fiches technique(HTML) 1 Page - HY ELECTRONIC CORP.

  SD2040_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SD2040_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SD2040_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AC molded plastic
Polarity: As marked on the body
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward
Rectified Current ( See Fig.1)
@TC=95 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 20A DC(Note1)
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Thermal Resistance(Note2)
RθJc
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
2.Thermal Resistance Junction to case(without heatsink).
SD2040
SD2045
40
28
40
45
31.5
1.5
-55 to +200
-55 to +200
NOTES:1.300us pulse width,2% dudy cycle.
IR
0.5
mA
50
IFSM
400
A
0.6
I(AV)
20
A
45
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
Metal of silicon rectifier , majority carrier conduction
Plastic package has UL flammability
classification 94V-0
SD2040 thru SD2045
PHOTOVOLTAIC SOLAR CELL
PROTECTION SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 40 to 45 Volts
FORWARD CURRENT - 20 Amperes
TO-220AC
.374(9.5)
.146(3.7)
.153(3.9)
.04 MAX
(1.0)
.032(0.8)
.043(1.1)
.102(2.6)
.091(2.3)
.270(6.9)
.230(5.8)
.583(14.8)
.610(15.5)
.583(14.8)
.531(13.5)
.047(1.2)
.055(1.4)
.024(0.6)
.012(0.3)
.413(10.5)
.135(3.44)
.103(2.62)
.057(1.45)
.045(1.14)
.177
(4.5)
MAX
.173(4.4)
.189(4.8)
(3.5)
.138 MAX


Numéro de pièce similaire - SD2040_17

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
SD2040A DCCOM-SD2040A Datasheet
32Kb / 2P
   RECTIFIER SPECIALISTS
logo
HY ELECTRONIC CORP.
SD2040A HY-SD2040A Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SD2040 HY-SD2040_V01 Datasheet
312Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Description similaire - SD2040_17

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
S5MS VISHAY-S5MS Datasheet
90Kb / 4P
   SMD Photovoltaic Solar Cell Protection Rectifier
Revision: 02-Nov-09
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
HY ELECTRONIC CORP.
SPA2040 HY-SPA2040 Datasheet
303Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com