Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MHL19936 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MHL19936
Description  PCS BAND RF LINEAR LDMOS AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHL19936 Fiches technique(HTML) 3 Page - Motorola, Inc

  MHL19936 Datasheet HTML 1Page - Motorola, Inc MHL19936 Datasheet HTML 2Page - Motorola, Inc MHL19936 Datasheet HTML 3Page - Motorola, Inc MHL19936 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MHL19936
MOTOROLA RF DEVICE DATA
f = 1960 MHz
TC = 25_C
30
34
22
1000
1800
VOLTAGE (VOLTS)
Figure 7. Power Gain, IDD versus Voltage
Gp
f = 1960 MHz
TC = 25_C
I DD
33
1600
32
1400
31
1200
24
26
28
30
22
24
26
28
30
47
53
38
44
VOLTAGE (VOLTS)
Figure 8. ITO, P1dB versus Voltage
52
43
51
42
50
41
49
40
48
39
VOLTAGE (VOLTS)
Figure 9. Phase(1), Group Delay(1) versus Voltage
(1)In Production Test Fixture
30
-1700
-1500
2.3
2.6
-1533
2.55
-1600
2.45
28
26
24
22
PHASE
GROUP DELAY
2.35
-1667
2.4
-1633
2.5
-1567
VOLTAGE (VOLTS)
Figure 10. Phase Linearity, Gain Flatness
versus Voltage
GF
PHASE LINEARITY
0
0.5
0
0.5
0.4
0.4
0.3
0.3
0.2
0.2
0.1
0.1
30
28
26
24
22
P1dB
f = 1960 MHz
TC = 25_C
ITO
f1 = 1957 MHz
f2 = 1962 MHz
TC = 25_C
0.6
0.6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MHL19936

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MHL19926 MOTOROLA-MHL19926 Datasheet
235Kb / 2P
   PCS Band RF Linear LDMOS Amplifier
More results

Description similaire - MHL19936

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MHL18336 MOTOROLA-MHL18336 Datasheet
258Kb / 2P
   PCS BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL19338NN FREESCALE-MHL19338NN Datasheet
73Kb / 4P
   PCS Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHL19926 MOTOROLA-MHL19926 Datasheet
235Kb / 2P
   PCS Band RF Linear LDMOS Amplifier
MHL19338 MOTOROLA-MHL19338 Datasheet
95Kb / 2P
   PCS BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL19338N FREESCALE-MHL19338N Datasheet
62Kb / 3P
   PCS Band RF Linear LDMOS Amplifier
MHPA19010N FREESCALE-MHPA19010N Datasheet
134Kb / 8P
   PCS Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHPA19010 MOTOROLA-MHPA19010 Datasheet
323Kb / 4P
   PCS BAND RF LINEAR LDMOS AMPLIFIER
MHL18926 MOTOROLA-MHL18926 Datasheet
261Kb / 2P
   PCS BAND RF LINEAR LDMOS AMPLIFIER
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHPA21010N FREESCALE-MHPA21010N Datasheet
139Kb / 8P
   UMTS Band RF Linear LDMOS Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com