Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM185BYH-1.2 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM185BYH-1.2
Description  Micropower Voltage Reference Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185BYH-1.2 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button LM185BYH-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LM185BYH-1.2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Applications (Continued)
METER THERMOMETERS
0˚C−100˚C Thermometer
00551828
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1µA/˚K
2. Remove short, adjust R2 for correct reading in centigrade
†IQ at 1.3V.500µA
IQ at 1.6V.2.4mA
Lower Power Thermometer
00551829
*2N3638 or 2N2907 select for inverse HFE . 5
†Select for operation at 1.3V
‡IQ . 600µA to 900µA
0˚F−50˚F Thermometer
00551830
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1.8µA/˚K
2. Remove short, adjust R2 for correct reading in ˚F
Micropower Thermocouple Cold Junction
Compensator
00551831
Adjustment Procedure
1. Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature
multiplied by the thermocouple Seebeck coefficient.
2. Adjust zero ADJ pot until voltage across R2 equals the thermocouple
Seebeck coefficient multiplied by 273.2.
Thermocouple
Seebeck
R1 R2
Voltage
Voltage
Type
Coefficient (
Ω)(Ω) Across
R1
Across
R2
(µV/˚C)
@ 25˚C
(mV)
(mV)
J
52.3
5231.24k
15.60
14.32
T
42.8
432 1k
12.77
11.78
K
40.8
412953
12.17
11.17
S
6.4
63.4150
1.908
1.766
Typical supply current 50µA
www.national.com
7


Numéro de pièce similaire - LM185BYH-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM185BYH-1.2 NSC-LM185BYH-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM185BYH-1.2 NSC-LM185BYH-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185BYH-1.2 TI1-LM185BYH-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185BYH-1.2-SMD TI1-LM185BYH-1.2-SMD Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185BYH-1.2/NOPB TI1-LM185BYH-1.2/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
More results

Description similaire - LM185BYH-1.2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com