Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54FCT245TPG Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce 54FCT245TPG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT245TPG Fiches technique(HTML) 3 Page - Integrated Device Technology

  54FCT245TPG Datasheet HTML 1Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 2Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 3Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 4Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 5Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 6Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1µA
IOZH
High Impedance Output Current
VCC = Max
VO = 2.7V
±1µA
IOZL
(3-State output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min, IIN = -18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
IOH = –15mA IND
VOL
OutputLOWVoltage
VCC = Min
IOL = 48mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOL = 64mA IND
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
OUTPUT DRIVE CHARACTERISTICS


Numéro de pièce similaire - 54FCT245TPG

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245D NSC-54FCT245D Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245DMQB NSC-54FCT245DMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245F NSC-54FCT245F Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245FMQB NSC-54FCT245FMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Description similaire - 54FCT245TPG

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com