Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP101 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP101
Description  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 5Page - Texas Instruments TMP101 Datasheet HTML 6Page - Texas Instruments TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments TMP101 Datasheet HTML 11Page - Texas Instruments TMP101 Datasheet HTML 12Page - Texas Instruments TMP101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
TMP100-Q1, TMP101-Q1
www.ti.com
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Digital Temperature Output
The digital output from each temperature measurement conversion is stored in the read-only Temperature
Register. The Temperature Register of the TMP100-Q1 or TMP101-Q1 device is a 12-bit, read-only register that
stores the output of the most recent conversion. Two bytes must be read to obtain data and are listed in Table 6
and Table 7. The first 12 bits are used to indicate temperature with all the remaining bits equal to zero. The data
format for temperature is listed in Table 1. Negative numbers are represented in binary twos complement format.
Following power-up or reset, the temperature register reads 0°C until the first conversion is complete.
The user can obtain 9, 10, 11, or 12 bits of resolution by addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution, the most significant bits (MSBs) in the Temperature
Register are used with the unused least significant bits (LSBs) set to zero.
Table 1. Temperature Data Format
TEMPERATURE
(°C)
DIGITAL OUTPUT
BINARY
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
–128
1000 0000 0000
800
8.3.2 Serial Interface
The TMP100-Q1 and TMP101-Q1 devices operate only as slave devices on the SMBus, Two-Wire, and I2C
interface-compatible bus. Connections to the bus are made through the open-drain I/O lines SDA and SCL. The
TMP100-Q1 and TMP101-Q1 devices support the transmission protocol for fast (up to 400 kHz) and high-speed
(up to 2 MHz) modes. All data bytes are transmitted MSB first.
8.3.3 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a HIGH
to LOW logic level while SCL is HIGH. All slaves on the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge and pulling SDA LOW.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge Bit. During data
transfer, SDA must remain stable while SCL is HIGH because any change in SDA while SCL is HIGH is
interpreted as a control signal.
When all data are transferred, the master generates a STOP condition indicated by pulling SDA from LOW to
HIGH, while SCL is HIGH.


Numéro de pièce similaire - TMP101

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP101 TI-TMP101 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101 TI-TMP101 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP101 TI-TMP101 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Description similaire - TMP101

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com