Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71108U Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce GS71108U
Description  128K x 8 1Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GS71108U Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  GS71108U Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev: 1.04a 10/2002
1/14
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71108ATP/J/SJ/U
128K x 8
1Mb Asynchronous SRAM
7, 8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
SOJ, TSOP, FP-BGA
Commercial Temp
Industrial Temp
Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 140/120/95/80 mA at minimum
cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J: 400 mil, 32-pin SOJ package
TP: 400 mil, 32-pin TSOP Type II package
SJ: 300 mil, 32-pin SOJ package
U: 6 mm x 8 mm Fine Pitch Ball Grid Array package
Description
The GS71108A is a high speed CMOS Static RAM organized
as 131,072 words by 8 bits. Static design eliminates the need
for external clocks or timing strobes. The GS operates on a
single 3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS71108A is available in a 6 mm x 8 mm
Fine Pitch BGA package, as well as in 300 mil and 400 mil
SOJ and 400 mil TSOP Type-II packages.
Pin Descriptions
SOJ & TSOP-II 128K x 8-Pin Configuration
Packages J, TP, and SJ
Fine Pitch BGA 128K x 8-Bump Configuration
Package U
6 mm x 8 mm, 0.75 mm Bump Pitch
Top View
Symbol
Description
A0–A16
Address input
DQ1–DQ8
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
1
234
56
ANC
OE
A2
A6
A7
NC
BDQ1
NC
A1
A5
CE
DQ8
CDQ2
NC
A0
A4
NC
DQ7
D
VSS
NC
NC
A3
NC
VDD
E
VDD
NC
NC
NC
NC
VSS
FDQ3
NC
A14
A11
DQ5
DQ6
GDQ4
NC
A15
A12
WE
A8
HNC
A10
A16
A13
A9
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
CE
DQ1
DQ2
VDD
VSS
DQ3
DQ4
WE
A16
A15
A14
A13
A4
A5
A6
A7
OE
DQ8
DQ7
VSS
VDD
DQ6
DQ5
A8
A9
A10
A11
A12
32-pin
400 mil SOJ
300 mil SOJ
&
&
400 mil TSOP II


Numéro de pièce similaire - GS71108U

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71108U-10 GSI-GS71108U-10 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108U-10I GSI-GS71108U-10I Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108U-12 GSI-GS71108U-12 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108U-12I GSI-GS71108U-12I Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108U-15 GSI-GS71108U-15 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Description similaire - GS71108U

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com