Moteur de recherche de fiches techniques de composants électroniques |
|
CA0612KPX5R8BB121 Fiches technique(PDF) 2 Page - YAGEO Corporation |
|
CA0612KPX5R8BB121 Fiches technique(HTML) 2 Page - YAGEO Corporation |
2 / 17 page www.yageo.com Nov. 10, 2015 V.4 Surface-Mount Ceramic Multilayer Capacitors 2 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V SCOPE This specification describes NP0/X7R/Y5V 4-capacitor Array with lead-free terminations. APPLICATIONS Professional electronics High density consumer electronics FEATURES Supplied in tape on reel Nickel-barrier end termination 0508 (4x0402) / 0612 (4x0603) capacitors (of the same capacitance value) per array Less than 50% board space of an equivalent discrete component High volumetric efficiency Increased throughout, by time saved in mounting RoHS compliant Halogen Free compliant ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP CTC & 12NC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Please note that 12 digits ordering code will expire at the end of 2010. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CA XXXX X X XXX X B X XXX (1) (2) (3) (4) (5) (6) (7) (1) SIZE – INCH BASED (METRIC) 0508 (1220) 0612 (1632) (2) TOLERANCE J = ± 5% K = ± 10% M = ± 20% Z = -20% to +80% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch (4) TC MATERIAL NPO X5R X7R Y5V (5) RATED VOLTAGE 7 = 16 V 8 = 25 V 9 = 50 V 0 =100V (6) PROCESS N = NP0 B = class 2 material (7) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 121 = 12 x 101 = 120 pF |
Numéro de pièce similaire - CA0612KPX5R8BB121 |
|
Description similaire - CA0612KPX5R8BB121 |