Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA78L09ACPKG3 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA78L09ACPKG3
Description  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L09ACPKG3 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UA78L09ACPKG3 Datasheet HTML 5Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 6Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 7Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 8Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 9Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 10Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 11Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 12Page - Texas Instruments UA78L09ACPKG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Input Voltage (VI) [V]
6
8
10
12
14
16
18
20
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D003
TA = 25qC
IO = 40 mA
Output Current (IO) [mA]
0
10
20
30
40
50
60
70
80
90
100
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D004
TA = 25qC
VI = 10 V
Load Current (IO) [mA]
0
10
20
30
40
50
60
70
80
90
100
4.16
4.162
4.164
4.166
4.168
4.17
4.172
4.174
D001
TA = 25qC
VI = 10 V
Input Voltage (VI) [V]
8
10
12
14
16
18
20
3.75
4
4.25
4.5
4.75
5
5.25
D002
TA = 25qC
IO = 40 mA
9
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
www.ti.com
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
Electrical Characteristics: UA78L15 (continued)
at specified virtual junction temperature, VI = 23 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage regulation
TJ = 25°C
IO = 1 mA to 100 mA
25
150
mV
IO = 1 mA to 40 mA
15
75
Output noise voltage
TJ = 25°C, and f = 10 Hz to 100 kHz
82
μV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
4.6
6.5
mA
TJ = 125°C
6
Bias current change
TJ = 0°C to 125°C
VI = 10 V to 30 V
1.5
mA
IO = 1 mA to 40 mA
UA78L15C
0.2
UA78L15AC
0.1
6.13 Typical Characteristics
Figure 1. Bias Current vs Load Current
Figure 2. Bias Current vs Input Voltage
Figure 3. Line Regulation
Figure 4. Load Regulation


Numéro de pièce similaire - UA78L09ACPKG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78L09ACPKG3 TI-UA78L09ACPKG3 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPKG3 TI-UA78L09ACPKG3 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L09ACPKG3 TI-UA78L09ACPKG3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPKG3 TI-UA78L09ACPKG3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPKG3 TI-UA78L09ACPKG3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Description similaire - UA78L09ACPKG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com