Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB220S_B0_10001 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SB220S_B0_10001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB220S_B0_10001 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SB220S_B0_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB220S_B0_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB220S_B0_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB220S_B0_10001 Datasheet HTML 4Page - Pan Jit International Inc. SB220S_B0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
April 28,2016-REV.02
SB220S~SB2100S
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
T
L, Lead Temperature (°C)
20V~60V
80V~100V
1
10
100
1000
10000
100000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 80°C
T
J = 125°C
T
J = 100°C
20V~40V
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
110
100
V
R, Reverse Bias Voltage (V)
20V~40V
80V~100V
50V~60V
1
10
100
1000
10000
100000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 80°C
T
J = 100°C
T
J = 125°C
50V~60V
Fig.4 Typical Reverse Characteristics
Fig.3 Typical Reverse Characteristics
Fig.6 Typical Forward Characteristics
0.01
0.1
1
10
0
0.2
0.4
0.6
V
F, Forward Voltage (V)
T
J = 125°C
T
J = 100°C
T
J = 25°C
T
J = 80°C
0.01
0.1
1
10
100
1000
10000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 80°C
T
J = 125°C
T
J = 150°C
T
J = 25°C
80V~100V
Fig.5 Typical Reverse Characteristics
Fig.4 Typical Reverse Characteristics
20V~40V


Numéro de pièce similaire - SB220S_B0_10001

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SB220S-T3 WTE-SB220S-T3 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
SB220S-TB WTE-SB220S-TB Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
EIC discrete Semiconduc...
SB220S EIC-SB220S_05 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB220S VISHAY-SB220S_09 Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
More results

Description similaire - SB220S_B0_10001

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com