Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA78L02ACDG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA78L02ACDG4
Description  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L02ACDG4 Fiches technique(HTML) 5 Page - Texas Instruments

  UA78L02ACDG4 Datasheet HTML 1Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 2Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 3Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 4Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 5Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 6Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 7Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 8Page - Texas Instruments UA78L02ACDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
www.ti.com
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
(1)
Applies to UA78L02AC.
(2)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output.
6.5 Electrical Characteristics: UA78L02
at specified virtual junction temperature, VI = 9 V, and IO = 40 mA (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
Output voltagef
VI = 4.75 V to 20 V, and IO = 1 mA to 40 mA
TJ = 25°C
2.5
2.6
2.7
V
TJ = 0°C to 125°C
2.45
2.75
IO = 1 mA to 70 mA, and TJ = 0°C to 125°C
2.45
2.75
Input voltage regulation
VI = 4.75 V to 20 V, and TJ = 25°C
20
100
mV
VI = 5 V to 20 V, and TJ = 25°C
16
75
Ripple rejection
VI = 6 V to 20 V, f = 120 Hz, and TJ = 25°C
43
51
dB
Output voltage regulation
IO = 1 mA to 100 mA, and TJ = 25°C
12
50
mV
IO = 1 mA to 40 mA, and TJ = 25°C
6
25
Output noise voltage
f = 10 Hz to 100 kHz, and TJ = 25°C
30
µV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
3.6
6
mA
TJ = 125°C
5.5
Bias current change
VI = 5 V to 20 V, and TJ = 0°C to 125°C
2.5
mA
IO = 1 mA to 40 mA, and TJ = 0°C to 125°C
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-μF capacitor across the input and a 0.1-μF capacitor across the output. Full range for the
UA78L05AC is TJ = 0°C to 125°C, and full range for the UA78L05AI is TJ = –40°C to 125°C.
6.6 Electrical Characteristics: UA78L05
at specified virtual junction temperature, VI = 10 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage
VI = 7 V to 20 V, and
IO = 1 mA to 40 mA
TJ = 25°C
UA78L05C
4.6
5
5.4
V
UA78L05AC and
UA78L05AI
4.8
5
5.2
TJ = full range
UA78L05C
4.5
5.5
UA78L05AC and
UA78L05AI
4.75
5.25
IO = 1 mA to 70 mA, and
TJ = full range
UA78L05C
4.5
5.5
UA78L05AC and UA78L05AI
4.75
5.25
Input voltage
regulation
VI = 7 V to 20 V, and
TJ = 25°C
UA78L05C
32
200
mV
UA78L05AC and UA78L05AI
32
150
VI = 8 V to 20 V, and
TJ = 25°C
UA78L05C
26
150
UA78L05AC and UA78L05AI
26
100
Ripple rejection
VI = 8 V to 18 V, f = 120 Hz,
and TJ = 25°C
UA78L05C
40
49
dB
UA78L05AC and UA78L05AI
41
49
Output voltage
regulation
IO = 1 mA to 100 mA, and TJ = 25°C
15
60
mV
IO = 1 mA to 40 mA, and TJ = 25°C
8
30
Output noise voltage f = 10 Hz to 100 kHz, and TJ = 25°C
42
μV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
3.8
6
mA
TJ = 125°C
5.5
Bias current change
VI = 8 V to 20 V, and TJ = full range
1.5
mA
IO = 1 mA to 40 mA, and
TJ = full range
UA78L05C
0.2
UA78L05AC and UA78L05AI
0.1


Numéro de pièce similaire - UA78L02ACDG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78L02ACDG4 TI-UA78L02ACDG4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACDG4 TI-UA78L02ACDG4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACDG4 TI-UA78L02ACDG4 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACDG4 TI1-UA78L02ACDG4 Datasheet
693Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACDG4 TI1-UA78L02ACDG4 Datasheet
1Mb / 28P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Description similaire - UA78L02ACDG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com