Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17302Q5A Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17302Q5A
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17302Q5A Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CSD17302Q5A Datasheet HTML 5Page - Texas Instruments CSD17302Q5A Datasheet HTML 6Page - Texas Instruments CSD17302Q5A Datasheet HTML 7Page - Texas Instruments CSD17302Q5A Datasheet HTML 8Page - Texas Instruments CSD17302Q5A Datasheet HTML 9Page - Texas Instruments CSD17302Q5A Datasheet HTML 10Page - Texas Instruments CSD17302Q5A Datasheet HTML 11Page - Texas Instruments CSD17302Q5A Datasheet HTML 12Page - Texas Instruments CSD17302Q5A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 20 V
MODE = 5 V
VOUT = 1.2 V
L = 0.45 µH
G006
0
100
200
300
400
500
600
0
1
2
3
4
5
6
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 20 V
MODE = 5 V
VOUT = 0.8 V
L = 1.5 µH
G010
100
1000
10000
100000
1000000
−60
−40
−20
0
20
40
60
80
−100
−50
0
50
100
150
200
250
300
350
400
450
Frequency (Hz)
Gain
Phase
VIN = 12 V
IOUT = 25 A
MODE = 5 V
VVID_00 = 1.2 V
G001
100
1000
10000
100000
1000000
−60
−40
−20
0
20
40
60
80
−100
−50
0
50
100
150
200
250
300
350
400
450
Frequency (Hz)
Gain
Phase
VIN = 12 V
IOUT = 6 A
MODE = 5 V
VVID_10 = 0.8 V
G008
TPS51518
www.ti.com
SLUSAO8
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
Figure 7. GFX Frequency vs. Load Current
Figure 8. SA Frequency vs. Load Current
Figure 9. GFX Bode Plot
Figure 10. SA Bode Plot
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS51518


Numéro de pièce similaire - CSD17302Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results

Description similaire - CSD17302Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com