Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS24710 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS24710
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24710 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS24710_17 Datasheet HTML 1Page - Texas Instruments TPS24710_17 Datasheet HTML 2Page - Texas Instruments TPS24710_17 Datasheet HTML 3Page - Texas Instruments TPS24710_17 Datasheet HTML 4Page - Texas Instruments TPS24710_17 Datasheet HTML 5Page - Texas Instruments TPS24710_17 Datasheet HTML 6Page - Texas Instruments TPS24710_17 Datasheet HTML 7Page - Texas Instruments TPS24710_17 Datasheet HTML 8Page - Texas Instruments TPS24710_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
FLTb (FLT)
SENSE
VCC
OUT
GATE
EN
PGb (PG)
PROG
TIMER
GND
1
2
3
4
5
6
7
8
9
10
4
TPS24710, TPS24711
TPS24712, TPS24713
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
5 Device Comparison Table
TPS2471
0
TPS2471
1
TPS24712
TPS24713
Latch Off
X
X
Retry
X
X
PG
L
L
H
H
FLT
L
L
H
H
6 Pin Configuration and Functions
DGS Package
(10 Pins)
Top View
Pin Functions
PINS
I/O
DESCRIPTION
NAME
TPS24710/11 TPS24712/13
EN
2
2
I
Active-high enable input. Logic input. Connects to resistor divider.
FLT
10
O
Active-high, open-drain output indicates overload fault timer has turned MOSFET off.
FLTb
10
Active-low, open-drain output indicates overload fault timer has turned MOSFET off.
GATE
7
7
O
Gate driver output for external MOSFET
GND
5
5
Ground
OUT
6
6
I
Output voltage sensor for monitoring MOSFET power.
PG
1
O
Active-high, open-drain power good indicator. Status is determined by the voltage
across the MOSFET.
PGb
1
Active-low, open-drain power good indicator. Status is determined by the voltage
across the MOSFET.
PROG
3
3
I
Power-limiting programming pin. A resistor from this pin to GND sets the maximum
power dissipation for the FET.
SENSE
8
8
I
Current sensing input for resistor shunt from VCC to SENSE.
TIMER
4
4
I/O
A capacitor connected from this pin to GND provides a fault timing function.
VCC
9
9
I
Input-voltage sense and power supply


Numéro de pièce similaire - TPS24710_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
More results

Description similaire - TPS24710_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com