Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASTX11-ASVTX11 Fiches technique(PDF) 4 Page - Abracon Corporation

No de pièce ASTX11-ASVTX11
Description  Standard OSC for exact equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX11-ASVTX11 Fiches technique(HTML) 4 Page - Abracon Corporation

  ASTX11-ASVTX11 Datasheet HTML 1Page - Abracon Corporation ASTX11-ASVTX11 Datasheet HTML 2Page - Abracon Corporation ASTX11-ASVTX11 Datasheet HTML 3Page - Abracon Corporation ASTX11-ASVTX11 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAPE & REEL:
Dimensions: mm
REFLOW PROFILE:
T: 1000pcs/reel
T3: 3000pcs/reel
ASTX-11, ASVTX-11
3.2 X 2.5 X 0.9mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
SMD VC/TCXO
Pb RoHS/RoHS II compliant
Revised: 08.12.14-M
ESD Sensitive


Numéro de pièce similaire - ASTX11-ASVTX11

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
ASTX11_ASVTX11 ABRACON-ASTX11_ASVTX11 Datasheet
959Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
07.27.11-K
More results

Description similaire - ASTX11-ASVTX11

FabricantNo de pièceFiches techniqueDescription
logo
PMC-Sierra, Inc
PM3390 PMC-PM3390 Datasheet
33Kb / 2P
   Octal EXACT??Bus Switch Matrix
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
logo
Samsung semiconductor
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
   NPN (MIXER, OSC. FOR UHF TV TUNER)
logo
PANDUIT CORP.
R2P6S PANDUIT-R2P6S Datasheet
435Kb / 2P
   2 Post Standard Equipment Rack
WMPV45E PANDUIT-WMPV45E Datasheet
434Kb / 2P
   2 Post Standard Equipment Rack
9/2011
logo
Maxim Integrated Produc...
MAX7453EVKIT MAXIM-MAX7453EVKIT Datasheet
112Kb / 6P
   Compatible with Standard Video Test Equipment
Rev 0; 11/07
MAX7443EVKIT MAXIM-MAX7443EVKIT Datasheet
97Kb / 4P
   Compatible with Standard Video Test Equipment
Rev 1; 8/07
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
   VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
   VCO OSC Circuit Applications
logo
Rohm
BU97530KVT ROHM-BU97530KVT Datasheet
1Mb / 59P
   Built-in OSC circuit
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com