Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD107WS_R1_00001 Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce SD107WS_R1_00001
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD107WS_R1_00001 Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  SD107WS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
May 12,2016-REV.05
SD107WS
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel


Numéro de pièce similaire - SD107WS_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD107WS-7 DIODES-SD107WS-7 Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
70Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 8 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
93Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 December 2009
logo
Pan Jit International I...
SD107WS-AU PANJIT-SD107WS-AU Datasheet
113Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
SD107WS-AU_R1_000A1 PANJIT-SD107WS-AU_R1_000A1 Datasheet
113Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Description similaire - SD107WS_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com