Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103AW-TA_R1_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SD103AW-TA_R1_00001
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103AW-TA_R1_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SD103AW-TA_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SD103AW-TA_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SD103AW-TA_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SD103AW-TA_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SD103AW-TA_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 3,2015-REV.02
SD103AW-TA
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE
40 Volt
200 mA
FEATURES
• Low Forward Voltage Drop
• Common Anode Configuration
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
Marking Code: S6A
MAXIMUM RATINGS @ TA=25OC unless otherwise specified
CURRENT
NOTE : 1.Mounted on FR4 PC Board with recommended pad
c
it
s
ir
e
t
c
a
r
a
h
Cl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
v
it
it
e
p
e
R
k
a
e
P
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
VRRM
VRWM
VR
0
4V
e
g
a
tl
o
V
e
s
r
e
v
e
R
S
M
R
VR(RMS)
8
2V
t
n
e
m
e
l
E
r
e
P
,t
n
e
r
r
u
C
s
u
o
u
n
it
n
o
C
d
r
a
w
r
o
F
I FM
0
0
2A
m
s
m
3
.
8
=
t
@
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
R
-
n
o
N
I FSM
1A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
TJ
5
2
1
+
o
t
5
5
-
O
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
+
o
t
5
5
-
O
C
COMMON ANODE
THERMAL CHARACTERISTICS @ TA=25OC unless otherwise specified
c
it
s
ir
e
t
c
a
r
a
h
Cl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
PD
0
0
2W
m
)
1
e
t
o
N
(
r
i
A
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘJA
0
0
5
O
W
/
C
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Numéro de pièce similaire - SD103AW-TA_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SD103AW-TA PANJIT-SD103AW-TA Datasheet
245Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Description similaire - SD103AW-TA_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SD103AW-TA PANJIT-SD103AW-TA Datasheet
245Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54_11 Datasheet
162Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com