Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A22362DGSRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A22362DGSRG4
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DGSRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A22362DGSRG4 Datasheet HTML 1Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 2Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 3Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 4Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 5Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 6Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 7Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 8Page - Texas Instruments TS5A22362DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Laser Marking View
Bump View
B
C
D
3
2
1
A
B
C
D
1
2
3
A
1
2
3
4
5
10
9
8
7
6
NO2
COM2
NC2
IN2
VCC
NO1
COM1
NC1
IN1
GND
Exposed
Center
Pad
VCC
NO1
COM1
NC1
IN1
NO2
COM2
NC2
IN2
GND
1
2
3
4
5
10
9
8
7
6
TS5A22362
www.ti.com
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DRC Package
DGS Package
10-Pin VSON
10-Pin VSSOP
Top View
Top View
*The exposed center pad, if used, must be
connected as a secondary GND or left
electrically open.
YZP Package
10-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
VSON
VSSOP
DSBGA
VCC
1
1
A2
Power Supply
NO1
2
2
A3
I/O
Normally Open (NO) signal path, Switch 1
COM1
3
3
B3
I/O
Common signal path, Switch 1
NC1
4
4
C3
I/O
Normally Closed (NC) signal path, Switch 1
IN1
5
5
D3
I
Digital control pin , Switch 1
GND
6
6
D2
Ground
IN2
7
7
D1
I
Digital control pin, Switch 2
NC2
8
8
C1
I/O
Normally Closed (NC) signal path, Switch 2
COM2
9
9
B1
I/O
Common signal path, Switch 2
NO2
10
10
A1
I/O
Normally Open (NO) signal Path, Switch 2
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A22362


Numéro de pièce similaire - TS5A22362DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A22362DGSRG4 TI-TS5A22362DGSRG4 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI-TS5A22362DGSRG4 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DGSRG4 TI1-TS5A22362DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Description similaire - TS5A22362DGSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com